Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2-4350 Datasheet(PDF) 1 Page - Power-One

Part # NET2-4350
Description  NET2 AC-DC Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET2-4350 Datasheet(HTML) 1 Page - Power-One

  NET2-4350 Datasheet HTML 1Page - Power-One NET2-4350 Datasheet HTML 2Page - Power-One NET2-4350 Datasheet HTML 3Page - Power-One NET2-4350 Datasheet HTML 4Page - Power-One NET2-4350 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NET2 AC-DC Series Data Sheet
APR 19, 2005 revised to JUN 28, 2006
Page 1 of 5
www.power-one.com
Features
400W output power with currents over 100 Amps
85% efficiency (typical)
5-output construction
Isolated V2 and V3 outputs
Standby output of 5V @ 2A
Fits 1U chassis height constraints
No minimum load requirement
Active current-share capabilities with redundant
capabilities on the four main outputs
Patented high-efficiency design
Meets European power factor requirements
Excellent load transient response
Redundancy without use of ORing diode
Multiple-Output Model Selection
400W WITH 460 LFM FORCED-AIR COOLING
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
LINE
LOAD & CROSS-
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
REGULATION
REGULATION
Pk-Pk (NOTE 2)
ACCURACY (NOTE 3)
V1
+3.3V
+5%, -2%
55A
0.6%
1%
50mV
+40mV, -10mV
NET2-4350 (Note1)
V2
12V
+5%, -5%
5A
0.5%
1%
120mV
± 70mV
V3
12V
+5%, -5%
5A
0.5%
1%
120mV
± 70mV
V4
+5V
+5%, -2%
40A
0.5%
1%
50mV
+50mV, -10mV
V5
+5.2VSB
FIXED
2A
0.5%
4%
50mV
± 110mV
V1
+3.3V
+5%, -2%
55A
0.6%
1%
50mV
+40mV, -10mV
NET2-4231 (Note1,4)
V2
12V
+5%, -5%
5A
0.5%
1%
120mV
± 70mV
V3
1.8V
+5%, -2%
15A
0.6%
1%
120mV
± 70mV
V4
+2.5V
+5%, -2%
55A
0.6%
1%
50mV
+30mV, -10mV
V5
+5.2VSB
FIXED
2A
0.5%
4%
50mV
± 110mV
NOTES: 1) V1 + V2, or V3 + V4 must not exceed 200W.
2) Maximum peak-to-peak noise for a 20 MHz bandwidth.
3) Initial set points: V1 @ 40A, V2 @ 4A, V3 @ 4A, V4 @ 30A, and V5 @ 1A.
4) Consult factory for availability.
Designed to meet the stringent requirements of today’s high-speed circuitry, Power-One’s NET2 Series is an excellent
compact power solution for low-voltage, high-current applications. The NET2’s high efficiency is achieved through the
use of synchronous rectification and a newly-patented “Soft Transition Forward Converter”.
The NET2’s rectification method lowers output losses, reduces system cooling requirements (allowing greater power
in a smaller package), and eliminates minimum-load requirements.
Advanced surface-mount design and packing technology reduce the NET2’s height to 1.59” (40.3mm) to fit in 1U
applications. NET2’s high-performance active power factor circuitry meets EN61000-3-2 requirements for compliance
with European Power Line Harmonic Requirements for 2001. A multifunctional output terminal allows connection to #8
ring lugs, 0.25” quick disconnects, cable connectors, and PCB-mounted connectors.
Description
Advance Product Release


Similar Part No. - NET2-4350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
USB 2.0 Interface Controller
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
USB 2.0 Peripheral Controller
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2272PCI-RDK PLX-NET2272PCI-RDK Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2272REV1A-BCF PLX-NET2272REV1A-BCF Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
More results

Similar Description - NET2-4350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
FSK-S15 ETC1-FSK-S15 Datasheet
50Kb / 3P
FSK15 SERIES AC/DC CONVERTERS
logo
Power-One
MPB150 POWER-ONE-MPB150 Datasheet
97Kb / 4P
Dual-Output AC-DC Series
NET1 POWER-ONE-NET1_05 Datasheet
104Kb / 4P
AC-DC Series
NHC3000 POWER-ONE-NHC3000 Datasheet
105Kb / 4P
AC-DC Series
logo
Astrodyne Corporation
LCE10-24-120-X-60 ASTRODYNE-LCE10-24-120-X-60 Datasheet
73Kb / 1P
LCE Series DC-AC Inverter
logo
AIMTEC
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
AC-DC / DC-DC Converter
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
AC-DC / DC-DC Converter
logo
Schneider Electric
LC1D SCHNEIDER-LC1D Datasheet
971Kb / 2P
AC/DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com