Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2-4350 Datasheet(PDF) 5 Page - Power-One

Part # NET2-4350
Description  NET2 AC-DC Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET2-4350 Datasheet(HTML) 5 Page - Power-One

  NET2-4350 Datasheet HTML 1Page - Power-One NET2-4350 Datasheet HTML 2Page - Power-One NET2-4350 Datasheet HTML 3Page - Power-One NET2-4350 Datasheet HTML 4Page - Power-One NET2-4350 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NET2 AC-DC Series Data Sheet
APR 19, 2005 revised to JUN 28, 2006
Page 5 of 5
www.power-one.com
NET2-4350
NET2-4231
P1
Housing
50-37-5113
Pins
08-70-1039
P2
Housing
50-37-5043
& P4
Pins
08-70-1039
P3
Housing
39-01-4041
& P5
Pins
39-00-0038
INPUT & OUTPUTS
Vo3 OUTPUT PINOUT
SEC.CNTL.BRD.PINOUT
Vo2 OUTPUT PINOUT
L
N
G
SEC.CNTL, Vo5
Vo2 O/P
Vo1
Vo1 RTN
Vo3 O/P
Vo4
Vo4 RTN
J6
J1
Vo1 adj
Vo3 adj
Vo4 adj
Vo2 adj
Vo3 Inhibit
Vo2 Inhibit
Vo1 +R.S.
Vo1 -R.S.
Vo2 -R.S.
Vo4 +R.S.
Vo2 +R.S.
Vo4 -R.S.
Vo3 C.Shr.
Vo2 C.Shr.
Vo1 C.Shr.
Vo4 C.Shr.
POWER FAIL
POWER GOOD
INHIBIT
+Vo5
-Vo5
Vo3 -R.S.
Vo3 +R.S.
Vo3 RTN
Vo3 RTN
Vo3
Vo3
Vo2 RTN
Vo2 RTN
Vo2
Vo2
P5
P4
P1
P2
P3
Connectors
The NET2 uses #8-32 screw terminal and/or 0.25” faston connections for outputs 1 and 4, and Molex 5264-N Series
connectors (50-37-5093) for auxiliary outputs and control signals.
For the AC input, the NET2 uses a Molex
41694/2139 (09-50-3051) series connector.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective
divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
NOTE: Part numbers are MOLEX; equivalents are acceptable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com