Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3202-DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
INPUT CHARACTERISTICS
5.5 V
≤ V
BG ≤ 35 V.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25˚C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
I
Input current
V
IG = 5 V
20
60
160
µA
V
IG
Input clamping voltage
I
I = 200 µA
5.5
7
8.5
V
V
IG(ON)
Input turn-on threshold voltage
-
2.1
3
V
V
IG(OFF)
Input turn-off threshold voltage
1.2
1.8
-
V
∆V
IG
Input turn-on hysteresis
0.15
0.3
0.5
V
I
I(ON)
Input turn-on current
V
IG = 3 V
-
-
100
µA
I
I(OFF)
Input turn-off current
V
IG = 1.2 V
12
-
-
µA
OPEN CIRCUIT DETECTION CHARACTERISTICS
An open circuit load on either channel can be detected in the off-state. Refer to TRUTH TABLE.
This feature requires external load pull-up to a positive supply voltage via a suitable resistor.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typical is at Tmb = 25˚C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Open circuit detection
V
LG(OC)
Load ground threshold voltage
V
BG ≥ 9 V
1.5
2.5
3.5
V
I
B(OC)
Supply quiescent current per
V
BG = VLG = 16 V
-
0.8
1.5
mA
OC channel
open circuit detected,
other channel off
-I
L(OC)
Load ground current per
V
LG = 16 V
-
200
300
µA
channel
V
LG = 3.5 V
-
22
40
µA
t
d(OC)
Status delay time
input low to status low
-
65
100
µs
Application information
R
ext
External load pull-up resistance V
ext = 5 V
-
10
-
k
Ω
per channel
September 2001
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com