Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3202-DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 6 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
STATUS CHARACTERISTICS
The status output is an open drain transistor, and requires an external pull-up circuit to indicate a logic high.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25˚C unless otherwise stated.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
SG
Status clamping voltage
I
S = 100 µA
5.5
7
8.5
V
V
SG(LO)
Status low voltage
I
S = 100 µA
-
0.7
0.9
V
I
S = 250 µA
-
-
1.1
V
I
S
Status leakage current
V
SG = 5 V
-
-
10
µA
T
mb = 25˚C
-
0.1
1
µA
I
S(SAT)
Status saturation current
1
V
SG = 5 V
5
10
15
mA
Application information
R
S
External pull-up resistor
-
47
-
k
Ω
TRUTH TABLE
ABNORMAL CONDITIONS
LOAD
INPUT
DETECTED
OUTPUT
STATUS
DESCRIPTION
SUPPLY
LOAD 1
LOAD 2
1
2
UV
OV OC SC OT OC SC OT
1
2
L
L
0
X
0
X
X
0
X
X
OFF OFF
H
both off & normal
L
L
0
X
1
X
X
X
X
X
OFF OFF
L
both off, one/both OC or short to V+
L
H
0
X
1
X
X
0
0
0
OFF
ON
L
one off & OC, other on & normal
H
L
0
0
0
0
0
0
0
0
ON
OFF
H
one on & normal, other off & normal
H
H
0
0
0
0
0
0
0
0
ON
ON
H
both on & normal
H
X
1
0
X
X
X
0
X
X
OFF OFF
H
supply undervoltage lockout
H
X
0
1
X
0
0
X
0
0
OFF OFF
H
supply overvoltage shutdown
H
X
0
0
0
1
X
X
X
X
OFF
X
L
one SC tripped
H
L
0
0
0
1
X
0
0
X
OFF OFF
L
one SC tripped, other off & normal
H
H
0
0
0
1
X
0
0
0
OFF
ON
L
one SC tripped, other on & normal
H
X
0
0
0
0
1
X
X
X
OFF
X
L
one OT shutdown
H
L
0
0
0
0
1
0
0
X
OFF OFF
L
one OT shutdown, other off & normal
H
H
0
0
0
0
1
0
0
0
OFF
ON
L
one OT shutdown, other on & normal
KEY TO ABBREVIATIONS
L
logic low
UV undervoltage
H
logic high
OV overvoltage
X
don’t care
OC open circuit
0
condition not present
SC short circuit
1
condition present
OT overtemperature
1 For example with the pull-up resistor short circuited while the status transistor is conducting. This condition should be avoided in order to
prevent possible interference with normal operation of the device.
September 2001
6
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com