Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3202-DC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
UNDERVOLTAGE & OVERVOLTAGE CHARACTERISTICS
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25˚C.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Undervoltage
V
BG(UV)
Low supply threshold voltage
1
2
4.2
5.3
V
∆V
BG(UV)
Hysteresis
0.1
0.5
1
V
Overvoltage
V
BG(OV)
High supply threshold voltage
2
35
40
45
V
∆V
BG(OV)
Hysteresis
0.4
1
2
V
I
BG(OV)
Operating current per channel
V
BG > VBG(OV)
-1
2
mA
OVERLOAD PROTECTION CHARACTERISTICS
Independent protection per channel. Refer to TRUTH TABLE.
5.5 V
≤ V
BG ≤ 35 V, limits are at -40˚C ≤ Tmb ≤ 150˚C and typicals at Tmb = 25˚C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Overload protection
V
BL = VBG; tp = 300 µs
I
L(lim)
Load current limiting
V
BG ≥ 8 V
18
30
42
A
V
BG = 5.5 V
15
27
42
A
Short circuit load protection
T
mb ≤ 125˚C prior to overload
3
P
D(TO)
Overload power threshold
for latched protection
4
100
150
200
W
T
DSC
Characteristic time
which determines trip time
5
-
200
500
µs
Overtemperature protection
T
j(TO)
Threshold junction temperature
150
170
190
˚C
∆T
j(TO)
Hysteresis
6
3
1020˚C
1 Undervoltage sensors causes each channel to switch off and reset.
2 Overvoltage sensors causes each output channel to switch off to protect its load.
3 Above this temperature measurement of these parameters is prevented because OT protection may occur prior to SC protection.
4 SC protection for P
D > PD(TO) is latched.
Normal operation may only be resumed after the input is toggled low then high again.
Normal operation is maintained as long as P
D < PD(TO) and Tj < Tj(TO).
5 Trip time t
d sc varies with overload dissipation PD according to the exponential model formula td sc ≈ TDSC / LN[ PD / PD(TO) ].
6 After cooling below the reset temperature the channel will resume normal operation.
September 2001
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com