Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3202-DC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 7 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
SWITCHING CHARACTERISTICS
T
mb = 25 ˚C, VBG = 13 V, for resistive load RL = 13 Ω per channel.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
During turn-on
from input going high
t
d on
Delay time
to 10% V
L
-30
-
µs
dV/dt
on
Rate of rise of load voltage
30% to 70% V
L
0.5
1
2
V/
µs
t
on
Total switching time
to 90% V
L
-
100
400
µs
During turn-off
from input going low
t
d off
Delay time
to 90% V
L
-20
-
µs
dV/dt
off
Rate of fall of load voltage
70% to 30% V
L
0.5
1
2
V/
µs
t
off
Total switching time
to 10% V
L
-
40
200
µs
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz; VIG = 0 V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
sg
Status capacitance
V
SG = 5 V
-
11
15
pF
per channel
C
ig
Input capacitance
V
BG = 13 V
-
15
20
pF
C
bl
Output capacitance
V
BL = 13 V
-
265
375
pF
September 2001
7
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com