Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3202-DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
THERMAL CHARACTERISTIC
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
1
R
th j-mb
Junction to mounting base
per channel
-
2.4
3
K/W
both channels
-
1.2
1.5
K/W
STATIC CHARACTERISTICS
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Clamping voltages
V
BG
Battery to ground
I
G = 1 mA
45
55
65
V
V
BL
Battery to load per channel
I
L = IG = 1 mA
50
55
65
V
V
GL
Ground to load
2
I
L = 10 mA
18
23
28
V
I
L = 10 A; tp = 300 µs20
25
30
V
Supply voltage
battery to ground
V
BG
Operating range
3
-
5.5
-
35
V
Currents
9 V
≤ V
BG ≤ 35 V
I
B
Total quiescent current
4
V
LG = 0 V
-
-
20
µA
T
mb = 25˚C
-
0.1
1
µA
I
L
Off-state load current per
V
BL = VBG
--
10
µA
channel
T
mb = 25˚C
-
0.1
1
µA
I
G
Operating current
one channel on
-
1.8
3
mA
both channels on
-
3.6
6
mA
I
L
Nominal load current
5
V
BL = 0.5 V; Tmb = 85˚C
8
-
-
A
R
G
Effective internal ground
I
G = -200 mA; tp = 300 µs
40
75
100
Ω
resistance
6
Resistances per channel
V
BG
I
L
t
p
7
T
j
R
ON
On-state resistance
9 to 35 V
10 A
300
µs 25˚C
-
30
40
m
Ω
150˚C
-
60
80
m
Ω
R
ON
On-state resistance
5.5 V
5 A
300
µs 25˚C
-
50
60
m
Ω
150˚C
-
100
120
m
Ω
1 Of the output Power MOS transistors.
2 For a high side switch, the load pin voltage goes negative with respect to ground during the turn-off of an inductive load. This negative voltage
is clamped by the device.
3 On-state resistance is increased if the supply voltage is less than 7 V.
4 This is the continuous current drawn from the battery when both inputs are low and includes leakage currents to the loads.
5 Per channel but with both channels conducting. Defined as in ISO 10483-1.
6 Equivalent of the parallel connected resistors for both channels.
7 The supply and input voltage for the R
ON tests are continuous.
The specified pulse duration t
p refers only to the applied load current.
September 2001
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com