Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS159 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PLS159
Description  Programmable logic sequencer 16 횞 45 횞 12
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS159 Datasheet(HTML) 5 Page - NXP Semiconductors

  PLS159 Datasheet HTML 1Page - NXP Semiconductors PLS159 Datasheet HTML 2Page - NXP Semiconductors PLS159 Datasheet HTML 3Page - NXP Semiconductors PLS159 Datasheet HTML 4Page - NXP Semiconductors PLS159 Datasheet HTML 5Page - NXP Semiconductors PLS159 Datasheet HTML 6Page - NXP Semiconductors PLS159 Datasheet HTML 7Page - NXP Semiconductors PLS159 Datasheet HTML 8Page - NXP Semiconductors PLS159 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS159A
Programmable logic sequencer
(16
× 45 × 12)
October 22, 1993
29
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP1
MAX
UNIT
Input voltage2
VIH
High
VCC = MAX
2.0
V
VIL
Low
VCC = MIN
0.8
V
VIC
Clamp
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage2
VOH
High
VCC = MIN, IOH = –2mA
2.4
V
VOL
Low
IOL = 10mA
0.35
0.5
V
Input current
IIH
High
VCC = MAX, VIN = 5.5V
<1
80
µA
IIL
Low
VIN = 0.45V
–10
–100
µA
Output current
IO(OFF)
Hi-Z state4, 7
VCC = MAX, VOUT = 5.5V
1
80
µA
VOUT = 0.45V
–1
–140
µA
IOS
Short circuit3, 5
VOUT = 0V
–15
–70
mA
ICC
VCC supply current6
VCC = MAX
150
190
mA
Capacitance
CIN
Input
VCC = 5.0V, VIN = 2.0V
8
pF
COUT
Output
VOUT = 2.0V
15
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one at a time.
4. Measured with VIH applied to OE.
5. Duration of short circuit should not exceed 1 second.
6. ICC is measured with the OE input grounded, all other inputs at 4.5V and the outputs open.
7. Leakage values are a combination of input and output leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com