Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS159 Datasheet (PDF) - NXP Semiconductors

PLS159 Datasheet PDF - NXP Semiconductors
Part # PLS159
Download  PLS159 Download
File Size   132.84 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic sequencer 16 횞 45 횞 12

PLS159 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLS159 Datasheet PDF - NXP Semiconductors

Part # PLS159
Download  PLS159 Click to download

File Size   132.84 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic sequencer 16 횞 45 횞 12

PLS159 Datasheet (HTML) - NXP Semiconductors


PLS159 Product details

DESCRIPTION
The PLS159A is a 3-State output, registered logic element combining AND/OR gate arrays with clocked J-K flip-flops. These J-K flip-flops are dynamically convertible to D-type via a “fold-back” inverting buffer and control gate FC. It features 8 registered I/O outputs (F) in conjunction with 4 bidirectional I/O lines (B). These yield variable I/O gate and register configurations via control gates (D, L) ranging from 16 inputs to 12 outputs.

FEATURES
• High-speed version of PLS159
• fMAX = 18MHz
   – 25MHz clock rate
• Field-Programmable (Ni-Cr link)
• 4 dedicated inputs
• 13 control gates
• 32 AND gates
• 21 OR gates
• 45 product terms:
   – 32 logic terms
   – 13 control terms
• 4 bidirectional I/O lines
• 8 bidirectional registers
• J-K, T, or D-type flip-flops
• Power-on reset feature on all flip-flops (Fn = 1)
• Asynchronous Preset/Reset
• Complement Array
• Active-High or -Low outputs
• Programmable OE control
• Positive edge-triggered clock
• Input loading: –100µA (max.)
• Power dissipation: 750mW (typ.)
• TTL compatible
• 3-State outputs

APPLICATIONS
• Random sequential logic
• Synchronous up/down counters
• Shift registers
• Bidirectional data buffers
• Timing function generators
• System controllers/synchronizers
• Priority encoder/registers




Similar Part No. - PLS159

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153A PHILIPS-PLS153A Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153AA PHILIPS-PLS153AA Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153AN PHILIPS-PLS153AN Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153N PHILIPS-PLS153N Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Similar Description - PLS159

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S167BC TI1-TIB82S167BC Datasheet
228Kb / 11P
14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com