Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS159 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLS159
Description  Programmable logic sequencer 16 횞 45 횞 12
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS159 Datasheet(HTML) 2 Page - NXP Semiconductors

  PLS159 Datasheet HTML 1Page - NXP Semiconductors PLS159 Datasheet HTML 2Page - NXP Semiconductors PLS159 Datasheet HTML 3Page - NXP Semiconductors PLS159 Datasheet HTML 4Page - NXP Semiconductors PLS159 Datasheet HTML 5Page - NXP Semiconductors PLS159 Datasheet HTML 6Page - NXP Semiconductors PLS159 Datasheet HTML 7Page - NXP Semiconductors PLS159 Datasheet HTML 8Page - NXP Semiconductors PLS159 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS159A
Programmable logic sequencer
(16
× 45 × 12)
October 22, 1993
26
LOGIC DIAGRAM
(LOGIC TERMS-T)
(CONTROL TERMS)
NOTES:
1. All OR gate inputs with a blown link float to logic “0”.
2. All other gates and control inputs with a blown link float to logic “1”.
3.
⊕ denotes WIRE-OR.
4.
Programmable connection.
2
3
4
5
19
6
7
8
9
I0
I1
I2
I3
B3
B2
B1
B0
F7
31
24 23
16 15
8 7
0
PB RBPA RALB LA D3 D2 D1 D0
X3
X2
X1
X0
B3
B2
B1
B0
F7
F6
F5
F4
F3
F2
C
C
F1
F0
S3
S2
S1
S0
J
Q
K
EA EB
CK’
18
F6
J
Q
K
CK’
17
F5
J
Q
K
CK’
16
F4
J
Q
K
CK’
15
F3
J
Q
K
CK’
14
F2
J
Q
K
CK’
13
F1
J
Q
K
CK’
12
F0
J
Q
K
CK’
1
CLK
CK
FC
11
OE
M7
M6
M5
M4
M3
M2
M1
M0
P
R
P
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com