Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS159 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLS159
Description  Programmable logic sequencer 16 횞 45 횞 12
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS159 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLS159 Datasheet HTML 1Page - NXP Semiconductors PLS159 Datasheet HTML 2Page - NXP Semiconductors PLS159 Datasheet HTML 3Page - NXP Semiconductors PLS159 Datasheet HTML 4Page - NXP Semiconductors PLS159 Datasheet HTML 5Page - NXP Semiconductors PLS159 Datasheet HTML 6Page - NXP Semiconductors PLS159 Datasheet HTML 7Page - NXP Semiconductors PLS159 Datasheet HTML 8Page - NXP Semiconductors PLS159 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS159A
Programmable logic sequencer
(16
× 45 × 12)
25
October 22, 1993
853–1159 11164
DESCRIPTION
The PLS159A is a 3-State output, registered
logic element combining AND/OR gate arrays
with clocked J-K flip-flops. These J-K
flip-flops are dynamically convertible to
D-type via a “fold-back” inverting buffer and
control gate FC. It features 8 registered I/O
outputs (F) in conjunction with 4 bidirectional
I/O lines (B). These yield variable I/O gate
and register configurations via control gates
(D, L) ranging from 16 inputs to 12 outputs.
The AND/OR arrays consist of 32 logic AND
gates, 13 control AND gates, and 21 OR
gates with fusible link connections for
programming I/O polarity and direction. All
AND gates are linked to 4 inputs (I),
bidirectional I/O lines (B), internal flip-flop
outputs (Q), and Complement Array output
(C). The Complement Array consists of a
NOR gate optionally linked to all AND gates
for generating and propagating
complementary AND terms.
On-chip T/C buffers couple either True (I, B,
Q) or Complement (I, B, Q, C) input polarities
to all AND gates, whose outputs can be
optionally linked to all OR gates. Any of the
32 AND gates can drive bidirectional I/O lines
(B), whose output polarity is individually
programmable through a set of Ex-OR gates
for implementing AND-OR or AND-NOR logic
functions. Similarly, any of the 32 AND gates
can drive the J-K inputs of all flip-flops. There
are 4 AND gates for the Asynchronous
Preset/Reset functions.
All flip-flops are positive edge-triggered and
can be used as input, output or I/O (for
interfacing with a bidirectional data bus) in
conjunction with load control gates (L),
steering inputs (I), (B), (Q) and
programmable output select lines (E).
The PLS159A is field-programmable,
enabling the user to quickly generate custom
patterns using standard programming
equipment.
FEATURES
• High-speed version of PLS159
• f
MAX = 18MHz
– 25MHz clock rate
• Field-Programmable (Ni-Cr link)
• 4 dedicated inputs
• 13 control gates
• 32 AND gates
• 21 OR gates
• 45 product terms:
– 32 logic terms
– 13 control terms
• 4 bidirectional I/O lines
• 8 bidirectional registers
• J-K, T, or D-type flip-flops
• Power-on reset feature on all flip-flops
(Fn = 1)
• Asynchronous Preset/Reset
• Complement Array
• Active-High or -Low outputs
• Programmable OE control
• Positive edge-triggered clock
• Input loading: –100µA (max.)
• Power dissipation: 750mW (typ.)
• TTL compatible
• 3-State outputs
APPLICATIONS
• Random sequential logic
• Synchronous up/down counters
• Shift registers
• Bidirectional data buffers
• Timing function generators
• System controllers/synchronizers
• Priority encoder/registers
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
N Package
CLK
I0
I1
I2
I3
B0
B1
B2
B3
F0
GND
F1
F2
F3
F4
F5
F6
F7
VCC
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A Package
F0
F1
F2
F3
F4
F5
F6
F7
VCC
OE
CLK
I0
I1
I2
I3
B0
B1
B2
B3 GND
N = Plastic Dual In-Line Package (300mil-wide)
A = Plastic Leaded Chip Carrier
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DRAWING NUMBER
20-Pin Plastic Dual In-Line Package (300mil-wide)
PLS159AN
0408D
20-Pin Plastic Leaded Chip Carrier
PLS159AA
0400E


Similar Part No. - PLS159

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153A PHILIPS-PLS153A Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153AA PHILIPS-PLS153AA Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153AN PHILIPS-PLS153AN Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153N PHILIPS-PLS153N Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results

Similar Description - PLS159

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S167BC TI1-TIB82S167BC Datasheet
228Kb / 11P
14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com