Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS159 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PLS159
Description  Programmable logic sequencer 16 횞 45 횞 12
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS159 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PLS159 Datasheet HTML 4Page - NXP Semiconductors PLS159 Datasheet HTML 5Page - NXP Semiconductors PLS159 Datasheet HTML 6Page - NXP Semiconductors PLS159 Datasheet HTML 7Page - NXP Semiconductors PLS159 Datasheet HTML 8Page - NXP Semiconductors PLS159 Datasheet HTML 9Page - NXP Semiconductors PLS159 Datasheet HTML 10Page - NXP Semiconductors PLS159 Datasheet HTML 11Page - NXP Semiconductors PLS159 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS159A
Programmable logic sequencer
(16
× 45 × 12)
October 22, 1993
32
TIMING DIAGRAMS (Continued)
+3V
0V
+3V
0V
+3V
0V
VOH
VOL
tIS1*
tIS1
tCKO
tPRH
tPRO
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
(PRESET)
(RESET)
(PRESET)
(RESET)
I,B
(INPUTS)
CLK
PRESET/RESET
(I, B INPUTS)
Q
F
(OUTPUTS)
* Preset and Reset functions override Clock. However, F outputs may glitch with the first positive Clock Edge if tIS1
cannot be guaranteed by the user.
Asynchronous Preset/Reset
Flip-Flop Input Mode
I, B
(LOAD SELECT)
OE
L
F
(INPUTS)
CLK
Q
(DIN)
1.5V
1.5V
1.5V
1.5V
1.5V
VT
(FORCED DIN)
+3V
0V
+3V
0V
+3V
0V
+3V
0V
VOH
VOL
tOE1
tOD1
tIS2
tIH2
tCKH
tIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com