Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB2426 Datasheet(PDF) 41 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 41 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 37Page - Jonard Tools. DFB2426 Datasheet HTML 38Page - Jonard Tools. DFB2426 Datasheet HTML 39Page - Jonard Tools. DFB2426 Datasheet HTML 40Page - Jonard Tools. DFB2426 Datasheet HTML 41Page - Jonard Tools. DFB2426 Datasheet HTML 42Page - Jonard Tools. DFB2426 Datasheet HTML 43Page - Jonard Tools. DFB2426 Datasheet HTML 44Page - Jonard Tools. DFB2426 Datasheet HTML 45Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
41
C
CA
AB
BLLEE R
RIIN
NG
G TTO
OO
OLL
This cable ring tool is designed for cutting the sheathing of inside type
plastic, fabric or rubber covered cable 3/16”, 1/4”, 3/8”, & 1/2”. Durable
metal handle. Tool is supplied with 1 replacement blade. 5 1/2” long.O
O
JJIIC
C--22006600
R
RB
B--22006600
TELECOMMUNICATION TOOLS
C
CA
AB
BLLEE SSEEW
WIIN
NG
G N
NEEEED
DLLEE--M
MEETTA
ALL
Durable red anodized aluminum handle with curved
notched sewing needle. Designed to harness or lace
multiple lead bundles. 5 3/4” long. Replacement
needles are also available.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--228877
Cable Sewing Needle
R
RB
B--228877//66
Pkg. of 6 Replacement Needles
JJIIC
C--228877
W
WIIR
REE LLO
OO
OPP PPU
ULLLLEER
R--M
MEETTA
ALL
Durable red anodized aluminum handle facilitates
pulling wire through terminal blocks, rings on main
frame or fanning strip holes. JIC-2257M overall length
is 8 1/2” and JIC-2257M-12 overall length is 15”
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--22225577M
M
Wire Loop Puller Overall Length 8 1/2”
JJIIC
C--22225577M
M--1122
12” Wire Loop Puller Overall Length 15”
R
RB
B--22225577//66
Pkg. of 6 Replacement Loops for
JIC-2257M only
JJIIC
C--22225577M
M
C
CA
AB
BLLEE SSEEW
WIIN
NG
G N
NEEEED
DLLEE--IIN
NSSU
ULLA
ATTEED
D
Xylan insulated cable sewing needle has a yellow lightweight
molded grip handle that will harness or lace multiple lead
bundles. 5 1/2” long.
JJIIC
C--33220099
W
WIIR
REE LLO
OO
OPP PPU
ULLLLEER
R-- IIN
NSSU
ULLA
ATTEED
D
Xylan insulated wire loop puller facilitates pulling wire
through terminal blocks, rings on main frame, or fanning strip
holes. The yellow plastic lightweight handle fits snugly and is
easy to hold in your hand. 8” long.
JJIIC
C--22225577
SSTTR
RA
AIIG
GH
HTT M
MEETTA
ALL N
NEEEED
DLLEE
This”Chicago type” straight metal needle is designed for
cable sewing. This tool, made of the finest steel is for anyone
in the cable industry. Needle is .016” thick and 12” long.
R
RB
B--22225577
R
RB
B--228877
JJIIC
C--228844
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--22006600
Cable Ring Tool
R
RB
B--22006600//66
Pkg. of 6 Replacement Blades
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--22225577
Wire Loop Puller
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--33220099
Cable Sewing Needle
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--228844
Straight Metal Needle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com