Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB2426 Datasheet(PDF) 10 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 10 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 6Page - Jonard Tools. DFB2426 Datasheet HTML 7Page - Jonard Tools. DFB2426 Datasheet HTML 8Page - Jonard Tools. DFB2426 Datasheet HTML 9Page - Jonard Tools. DFB2426 Datasheet HTML 10Page - Jonard Tools. DFB2426 Datasheet HTML 11Page - Jonard Tools. DFB2426 Datasheet HTML 12Page - Jonard Tools. DFB2426 Datasheet HTML 13Page - Jonard Tools. DFB2426 Datasheet HTML 14Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
3” B I T S A N D S L E E V E S C H A R T
( A W G ) INCHES
BITS & SLEEVES
W I R E W R A P P I N G
Fully compatible with any make or model wire wrapping tool. Modified bits provide 1 1/2–2 turns of insulation.
10
*These tools are recommended for .025" square terminals on .100” center to center of the pins
† Provides 2.5 turns of insulation
Maximum
Minimum
Maximum
Terminal
Terminal
Wire
Bit
Sleeve
Insulation
Terminal
Terminal
Hole
Effective
Hole
Gauge
Regular
Modified
Part No.
Part No.
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
(AWG)
Inches
Inches
Inches
Inches
Inches
Inches
18
G
KB18
P194LN
.060
.073
1.000
.150
.075
20
G
WB20M
P194LN
.059
.042
.073
1.000
.150
.075
20-22
G
KB2075
P2224
–
.042
.073
1.000
.123
.075
22
G
KB22
P2224
–
.054
.073
.750
.117
.075
22
G
WB2275M
P2224
.052
.049
.074
1.000
.132
.075
22-24
G
KB224LH
P2224
–
.061
.085
1.000
.117
.086
22-24
G
KB224-1
P2224
–
.054
.073
1.000
.111
.075
22-24
G
KB224
P2224
–
.054
.073
.807
.111
.075
22-24
G
WB224M
P2224
.050
.049
.074
1.250
.121
.075
24
G
WB24DH
P2224
.046
.054
.073
1.750
.117
.075
24
G
KB24
P2426
–
.055
.074
.750
.100
.075
24
G
WB24SM*
P3032LN
.044
.024
.043
.750
.098
.044
24-26
G
WB2426M
P2224
.046
.054
.073
.750
.118
.075
26
G
KB26
P2426
–
.058
.073
1.000
.100
.075
26
G
WB26SM*
P26LN
.031
.023
.038
.750
.075
.040
26
G
WB26M
P2224
.046
.054
.073
1.000
.118
.075
26
G
WB2644M*
P3032LN
.046
.024
.043
.750
.098
.044
26
G
WB2669M
P2426
.041
.053
.068
1.000
.109
.069
28
G
WB2870M
P2426
.034
.053
.068
1.000
.103
.070
28
G
WB28SHM
P3032
.030
.031
.035
.750
.066
.036
30
G
SB30MSH-B*
P3032
.027
.031
.035
.750
.064
.036
30
G
SB30MMK*
P3032
.023
.031
.035
.750
.064
.036
30-32
G
WB3032M*
P3032
.027
.034
.038
.750
.064
.040
30-32
G
WB3032MIL†
P3032
.027
.034
.038
.750
.064
.040
30-32
G
KB3032
P3032
-
.034
.038
.750
.064
.040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com