Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB2426 Datasheet(PDF) 22 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 22 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 18Page - Jonard Tools. DFB2426 Datasheet HTML 19Page - Jonard Tools. DFB2426 Datasheet HTML 20Page - Jonard Tools. DFB2426 Datasheet HTML 21Page - Jonard Tools. DFB2426 Datasheet HTML 22Page - Jonard Tools. DFB2426 Datasheet HTML 23Page - Jonard Tools. DFB2426 Datasheet HTML 24Page - Jonard Tools. DFB2426 Datasheet HTML 25Page - Jonard Tools. DFB2426 Datasheet HTML 26Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
IC INSERTION EXTRACTION TOOLS
UNIVERSAL PLCC EXTRACTION TOOL EX-5/EX-6
INSERTION/EXTRACTION KIT WK-7
Part No. Description
EX-5
ESD safe PLCC extraction tool
EX-6
PLCC extraction tool
Features
I
Extracts a range of PLCC sizes from 20 pins through 128
pins from any socket without damage to the chip.
I
Spring loaded one-hand design requires no pulling, just
squeeze handles and chip is lifted from the socket.
I
ESD safe handles for use on all static safe
components (EX-5).
I
Machined stainless steel for long-life (EX-5).
I
EX-6 - ABS handles and stamped steel.
Part No.
Description
WK-7
5 piece insertion/extraction kit
Note: WK-7 items may be purchased individually.
WK-7 kit includes DIP IC extractors and inserters to
accommodate all IC’s from 8 to 40 pins. All tools are
CMOS safe and include grounding lugs where
appropriate except EX-1. The kit consists of extractors
EX-1 for 8-24 pin devices, and EX-2 for 24-40 pin ICs,
plus inserters MOS-1416, MOS-2428, and MOS-40 for
14-16, 24-28 and 36-40 pin IC’s respectively.
MOS-2428
(.6” Pitch)
EX-1
MOS-40
(.6” Pitch)
EX-2
MOS-1416
(.3” Pitch)
Kit Includes
I
EX-1 Extraction Tool (8-24 Pins).
I
EX-2 Extraction Tool (24-40 Pins).
I
MOS-1416 Insertion Tool (14-16 Pins).
I
MOS-40 Insertion Tool (36-40 Pins).
I
MOS-2428 Insertion Tool (24-28 Pins).
EX-6
EX-5
STATIC SAFE
D
DIIPP//IIC
C EEX
XTTR
RA
AC
CTTO
OR
R
This is a one-piece insulated spring steel
extractor used to extract LSI, MSI and SSI
devices from 8 to 24 pins. Will remove all
types of DIP/IC's without bending pins.
4” long.
Part No.
Description
SS--334400
DIP/IC Extractor
SS--334400
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com