Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB2426 Datasheet(PDF) 18 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 18 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 14Page - Jonard Tools. DFB2426 Datasheet HTML 15Page - Jonard Tools. DFB2426 Datasheet HTML 16Page - Jonard Tools. DFB2426 Datasheet HTML 17Page - Jonard Tools. DFB2426 Datasheet HTML 18Page - Jonard Tools. DFB2426 Datasheet HTML 19Page - Jonard Tools. DFB2426 Datasheet HTML 20Page - Jonard Tools. DFB2426 Datasheet HTML 21Page - Jonard Tools. DFB2426 Datasheet HTML 22Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
A revolutionary concept for easy and clean stripping of wires for wire
wrapping, electronic and appliance applications. Biomechanically
designed for maximum efficiency.
Easy to operate... place wire (up to 4) in stripping slot with ends
extending beyond cutter blades... press tool and pull... wire is cut and
stripped to proper “wire wrapping” length. The hardened steel
cutting blades and sturdy construction of the tool ensure long life.
Strip length easily adjustable for your application. Blades are made
from specially tempered spring steel for clean, nick-free wire
stripping.
The JIC-1022 Wire Stripper and Cutter is designed to strip
and cut the most commonly used stranded and solid wire
gauges 10 to 22 AWG and 1.6-3 mm fiber jackets. The JIC-
1626 Wire Stripper and Cutter is designed for 16 to 26 AWG
wire. The JIC-2030 Wire Stripper and Cutter is designed for
20-30 AWG wire.
Other features include a coil spring opening to reduce
fatigue, wire looping, bending holes conveniently located,
black oxide finish, locking mechanism, and cutting surfaces
that are hardened, tempered and ground for superior
performance. 6 3/4” long and weighing just 4.5 ounces.
Part No.
Wire Size
Adjustable Strip-Off Length
Replacement
AWG
mm
Inches
mm
Blade
ST-100
22-24 0.65-0.50 1 5/16” to 1 9/16” 33.33 to 39.68
SB-2224
ST-100-2426
24-26 0.50-0.40 1 15/16” to 1 11/16” 39.68 to 42.86
SB-2426
ST-100-2830
28-30 0.32-0.25
7/8” to 1 1/8”
22.22 to 28.57
SB-2830
COPPER WIRE CUT & STRIP TOOLS
W I R E C U T
- AND - S T R I P T O O L S - ST - 100 SERIES
WIRE STRIPPER AND CUTTER
Part No.
Description
JIC-1022
Wire Stripper and Cutter 10-22 AWG
JIC-1626
Wire Stripper and Cutter 16-26 AWG
JIC-2030
Wire Stripper and Cutter 20-30 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com