Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB2426 Datasheet(PDF) 43 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 43 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 39Page - Jonard Tools. DFB2426 Datasheet HTML 40Page - Jonard Tools. DFB2426 Datasheet HTML 41Page - Jonard Tools. DFB2426 Datasheet HTML 42Page - Jonard Tools. DFB2426 Datasheet HTML 43Page - Jonard Tools. DFB2426 Datasheet HTML 44Page - Jonard Tools. DFB2426 Datasheet HTML 45Page - Jonard Tools. DFB2426 Datasheet HTML 46Page - Jonard Tools. DFB2426 Datasheet HTML 47Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
43
WIRE WRAPPING TOOLS
WIRE WRAPPING BITS AND SLEEVES STANDARD 3” LONG
Bits conform to terminal height, width and wire size combinations.
Sleeves are insulated to prevent shorting of adjacent connections.
WIRE WRAPPING 3” LONG BITS & SLEEVES
JJO
ON
NA
AR
RD
D
B
BIITT PP//N
N
SSLLEEEEV
VEE PP//N
N
W
WIIR
REE G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
BW-2224
SW-2224
22-24
.075
.807
BW-2600
SW-2426
26
.075
1.000
BW-3032
SW-3032
30-32
.040
.750
B
BW
W--22222244
B
BW
W--22222244
SSW
W--22222244
SSW
W--22222244
W
WG
G--335500IIN
NSS
These 5” bits and sleeves are designed for wire wrapping in
tight and confined areas requiring deep penetration. Their
5” length ensures proper connections in hard to reach
locations.
SSW
W--2222224455
TTK
K--W
WW
W55 55--PPIIEEC
CEE W
WIIR
REE W
WR
RA
APPPPIIN
NG
G TTO
OO
OLL K
KIITT
This is a complete field service telecom installation kit and is
also used by technicians working at a main distributing frame.
TTK
K--W
WW
W55
((cco
om
mp
plleettee kkiitt))
B
BW
W--2244000055
W
WIIR
REE W
WR
RA
APPPPIIN
NG
G K
KIITT
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
TK-WW5
Wire Wrapping Kit
TKC-WW5
Leather Holster for TK-WW5
WIRE WRAPPING BITS AND SLEEVES 5” LONG
WIRE WRAPPING 5” LONG BITS & SLEVES
JJO
ON
NA
AR
RD
D
B
BIITT PP//N
N
SSLLEEEEV
VEE PP//N
N
W
WIIR
REE G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
B
BW
W--2222000055
SSW
W--2222224455
22
.075
.750
B
BW
W--2244000055
SSW
W--2244226655
24
.075
.750
B
BW
W--2266000055
SSW
W--2244226655
26
.075
.750
JJIIC
C--44447733
W
WD
DU
UD
D--22222244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com