Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # A5M20TG042
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button A5M20TG042 Datasheet HTML 2Page - NXP Semiconductors A5M20TG042 Datasheet HTML 3Page - NXP Semiconductors A5M20TG042 Datasheet HTML 4Page - NXP Semiconductors A5M20TG042 Datasheet HTML 5Page - NXP Semiconductors A5M20TG042 Datasheet HTML 6Page - NXP Semiconductors A5M20TG042 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
6 / 21
13 Electrical characteristics
13.1 DC characteristics — off characteristics
Table 10. DC characteristics — off characteristics
(TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
GaN stage 3 carrier — off characteristics
Off-state drain leakage
(VDS = 150 Vdc, VGS = –8 Vdc)
ID(BR)
—
—
4.0
mAdc
Off-state gate leakage
(VDS = 48 Vdc, VGS = –8 Vdc)
IGLK
–4.0
—
—
mAdc
GaN stage 3 peaking — off characteristics
Off-state drain leakage
(VDS = 150 Vdc, VGS = –8 Vdc)
ID(BR)
—
—
5.5
mAdc
Off-state gate leakage
(VDS = 48 Vdc, VGS = –8 Vdc)
IGLK
–5.5
—
—
mAdc
13.2 DC characteristics — on characteristics
Table 11. DC characteristics — on characteristics
(TA = 25°C unless otherwise noted)
Characteristic
Symbol
Typ
Range
Unit
LDMOS stage 1 — on characteristics
Gate threshold voltage
(VDS1 = 10 Vdc, ID1 = 2.4 μAdc)
VGS1(th)
1.3
±0.4
Vdc
Gate quiescent voltage
(VDS1 = 28 Vdc, IDQ1 = 25 mAdc, measured in production test fixture)
VGS1(Q)
2.0
±0.4
Vdc
LDMOS stage 2 — on characteristics
Gate threshold voltage
(VGS2 = 10 Vdc, ID2 = 12.8 μAdc)
VGS2(th)
1.3
±0.4
Vdc
Gate quiescent voltage
(VDS2 = 28 Vdc, IDQ2 = 65 mAdc, measured in production test fixture)
VGS2(Q)
1.9
±0.4
Vdc
GaN stage 3 carrier — on characteristics
Gate threshold voltage
(VGS3A = 10 Vdc, ID3A = 10 mAdc)
VGS3A(th)
–2.8
±1.0
Vdc
Gate quiescent voltage
(VDS3A = 45 Vdc, IDQ3A = 75 mAdc, measured in production test fixture)
VGS3A(Q)
–2.6
±1.0
Vdc
GaN stage 3 peaking — on characteristics
Gate threshold voltage
(VGS3B = 10 Vdc, ID3B = 10 mAdc)
VGS3B(th)
–2.8
±1.0
Vdc
Gate quiescent voltage
(VDS3B = 45 Vdc, IDQ3B = 0 mAdc, measured in production test fixture)
VGS3B(Q)
–2.7
±1.0
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com