Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # A5M20TG042
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button A5M20TG042 Datasheet HTML 4Page - NXP Semiconductors A5M20TG042 Datasheet HTML 5Page - NXP Semiconductors A5M20TG042 Datasheet HTML 6Page - NXP Semiconductors A5M20TG042 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042 Datasheet HTML 10Page - NXP Semiconductors A5M20TG042 Datasheet HTML 11Page - NXP Semiconductors A5M20TG042 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
8 / 21
13.5 Typical performance
Table 15. Typical performance
(In NXP reference circuit, TA = 25°C unless otherwise noted)[1] VD1 + VD2 = 28 Vdc, VD3A = VD3B = 45 Vdc, IDQ1 = 25 mA,
IDQ2 = 65 mA, IDQ3A = 75 mA, VG3B = (VBIAS – 2.05)[2] Vdc, Pout = 16 W Avg., 1 × 20 MHz LTE, f = 2000 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
VBW resonance point, 2-tone, 1 MHz tone spacing
(IMD third order intermodulation inflection point)
VBWres
—
460
—
MHz
Quiescent current accuracy over temperature[3]
with 2.2 kΩ gate feed resistors (–40 to 105°C)
Stage 1
with 2.2 kΩ gate feed resistors (–40 to 105°C)
Stage 2
∆
IQT
—
—
2.4
1.0
—
—
%
1-carrier 20 MHz LTE, 8 dB input signal PAR
Gain
G
—
49.1
—
dB
Power added efficiency
PAE
—
43.5
—
%
Adjacent channel power ratio
ACPR
—
–31.8
—
dBc
Adjacent channel power ratio
ALT1
—
–47.2
—
dBc
Adjacent channel power ratio
ALT2
—
–50.1
—
dBc
Gain flatness[4]
GF
—
1.7
—
dB
Pulsed CW, 10% duty cycle
Saturated power[5]
Psat
—
50.9
—
dBm
AM/PM @ saturated power[5]
Φ
—
–15.0
—
°
Gain variation @ Avg. power over temperature
(–40°C to +105°C)
∆
G
—
0.038
—
dB/°C
Output power variation @ saturated power over temperature[5]
(–40°C to +105°C)
∆
Psat
—
0.005
—
dB/°C
[1] All data measured with device soldered to NXP reference circuit.
[2] Increase VG3B (peaking side) until IDQ3B = 50 mA current is attained, and then subtract 2.05 V for final VG3B bias voltage.
[3] Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987,
Quiescent Current Control for the RF Integrated Circuit Device Family. Go to https://www.nxp.com/RF and search for
AN1977 or AN1987.
[4] Gain flatness = Max(G(fLow to fHigh)) – Min(G(fLow to fHigh)).
[5] Psat is defined at P3dB compression point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com