Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # A5M20TG042
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button A5M20TG042 Datasheet HTML 5Page - NXP Semiconductors A5M20TG042 Datasheet HTML 6Page - NXP Semiconductors A5M20TG042 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042 Datasheet HTML 10Page - NXP Semiconductors A5M20TG042 Datasheet HTML 11Page - NXP Semiconductors A5M20TG042 Datasheet HTML 12Page - NXP Semiconductors A5M20TG042 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
9 / 21
Correct biasing sequence
Turn ON:
Bias ON the GaN final stage first (stage 3)
1. Set gate voltage VG3A and VG3B to –8 V.
2. Set drain voltage VD3A and VD3B to nominal supply voltage (+45 V).
3. Increase VG3B (peaking side) until IDQ3B = 50 mA current is attained, and then subtract 2.05 V for final VG3B bias
voltage.
4. Increase VG3A (carrier side) until IDQ3A current is attained.
Bias ON the LDMOS drivers second (stages 1 and 2)
5. Set drain voltage VD1 and VD2 to nominal supply voltage (+28 V), in no particular order.
6. Increase gate voltage VG2 until IDQ2 current is attained.
7. Increase gate voltage VG1 until IDQ1 current is attained.
8. Apply RF input power to desired level.
Turn OFF:
Bias OFF the GaN final stage first (stage 3)
1. Disable RF input power.
2. Adjust gate voltage VG3A and VG3B to –8 V.
3. Adjust drain voltage VD3A and VD3B to 0 V. Allow adequate time for drain voltage to reduce to 0 V from external
drain capacitors.
4. Disable VG3A and VG3B.
Bias OFF the LDMOS drivers second (stages 1 and 2)
5. Adjust gate voltage VG1 and VG2 to 0 V.
6. Adjust drain voltage VD1 and VD2 to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com