Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # A5M20TG042
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button A5M20TG042 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042 Datasheet HTML 10Page - NXP Semiconductors A5M20TG042 Datasheet HTML 11Page - NXP Semiconductors A5M20TG042 Datasheet HTML 12Page - NXP Semiconductors A5M20TG042 Datasheet HTML 13Page - NXP Semiconductors A5M20TG042 Datasheet HTML 14Page - NXP Semiconductors A5M20TG042 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
11 / 21
14.2 Component designations and values
Table 16. A5M20TG042 reference circuit component designations and values
Part
Description
Part number
Manufacturer
C1, C5
1 µF chip capacitor
GRT188R61H105KE13D
Murata
C6, C11
15 pF chip capacitor
GQM1875C2E150JB12
Murata
C7, C8, C9, C12, C13,
C14, C18, C19
4.7 µF chip capacitor
C3225X7S2A475M200AE
TDK
C10, C15
120 µF, 63 V electrolytic capacitor
EEEFN1J121UV
Panasonic
C16
47 µF, 50 V electrolytic capacitor
EEEFN1H470XP
Panasonic
FL1, FL2
2.2 µF feed through capacitor
NFM18PC225B0J3D
Murata
FL3
22 nF feed through capacitor
NFM21HC223R1H3
Murata
Q1
Power amplifier module
A5M20TG042
NXP
R1, R2
5 kΩ, 1/4 W surface mount potentiometer
3224W-001-502E
Bourns
R3, R4
10 Ω, 1/10 W chip resistor
CRCW060310R0FKEA
Vishay
R5, R6
10 kΩ, 1/10 W chip resistor
RC0603FR-0710KP
Yageo
R7, R8
5.6 Ω, 1/8 W chip resistor
RC0805FR-075R6L
Yageo
PCB
RO4350B, 0.010″, εr = 3.66
NXP0108A
Multek
Note: Component numbers C2, C3, C4 and C17 are intentionally omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com