Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # A5M20TG042
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button A5M20TG042 Datasheet HTML 3Page - NXP Semiconductors A5M20TG042 Datasheet HTML 4Page - NXP Semiconductors A5M20TG042 Datasheet HTML 5Page - NXP Semiconductors A5M20TG042 Datasheet HTML 6Page - NXP Semiconductors A5M20TG042 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042 Datasheet HTML 10Page - NXP Semiconductors A5M20TG042 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
7 / 21
13.3 Functional tests
Table 12. Functional tests — 1805 MHz
(In NXP production test fixture, TA = 25°C unless otherwise noted)[1] VD1 + VD2 = 28 Vdc, VD3A = VD3B = 45 Vdc, IDQ1 = 25 mA,
IDQ2 = 65 mA, IDQ3A = 75 mA, VG3B = (VBIAS – 2.05)[2] Vdc, Pout = 16 W Avg., 1-tone CW, f = 1805 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
G
45.0
48.1
—
dB
Power added efficiency
PAE
34.0
40.9
—
%
Saturated power[3]
(Pulsed CW, 5% duty cycle)
Psat
49.0
51.0
—
dBm
[1] Part input and output matched to 50 ohms.
[2] Increase VG3B (peaking side) until IDQ3B = 50 mA current is attained, and then subtract 2.05 V for final VG3B bias voltage.
[3] Psat is defined at P3dB compression point.
Table 13. Functional tests — 2200 MHz
(In NXP production test fixture, TA = 25°C unless otherwise noted)[1] VD1 + VD2 = 28 Vdc, VD3A = VD3B = 45 Vdc, IDQ1 = 25 mA,
IDQ2 = 65 mA, IDQ3A = 75 mA, VG3B = (VBIAS – 2.05)[2] Vdc, Pout = 16 W Avg., 1-tone CW, f = 2200 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
G
44.5
48.1
—
dB
Power added efficiency
PAE
34.0
41.6
—
%
Saturated power[3]
(Pulsed CW, 5% duty cycle)
Psat
48.0
50.0
—
dBm
[1] Part input and output matched to 50 ohms.
[2] Increase VG3B (peaking side) until IDQ3B = 50 mA current is attained, and then subtract 2.05 V for final VG3B bias voltage.
[3] Psat is defined at P3dB compression point.
13.4 Wideband ruggedness
Table 14. Wideband ruggedness
(In NXP reference circuit, TA = 25°C unless otherwise noted)[1] IDQ1 = 25 mA, IDQ2 = 65 mA, IDQ3A = 75 mA,
VG3B = (VBIAS – 2.05)[2] Vdc, f = 2000 MHz, Additive White Gaussian Noise (AWGN) with 10 dB PAR.
Characteristic
Test results
ISBW of 400 MHz at VDD3A = VDD3B = 55 Vdc, 3 dB input
overdrive from 16 W Avg. modulated output power
No device degradation
[1] All data measured with device soldered to NXP reference circuit.
[2] Increase VG3B (peaking side) until IDQ3B = 50 mA current is attained, and then subtract 2.05 V for final VG3B bias voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com