Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 15 Page - Kingbright Corporation

Part # KA-2214ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-2214ZGS Datasheet(HTML) 15 Page - Kingbright Corporation

Back Button KA-2214ZGS Datasheet HTML 11Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 12Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 13Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 14Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 15Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 16Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 17Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 18Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 19Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
SMD LED
22
SMD LED
23
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@30mA *50mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KAAF-5060QBDSURKZGCT
InGaN
470
water clear
110
250
100°
5.0mm x 6.0 mm x 2.3mm
AlGaInP
630
*180
*350
InGaN
525
280
650
KAAF-5060QBFSEEZGCT
InGaN
465
water clear
180
350
100°
AlGaInP
621
*650
*1000
InGaN
525
280
650
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KA-2735ESGCT
GaAsP/GaP
625
water clear
7
30
120°
2.7mm x 3.5mm (Bi-Color)
GaP
568
7
30
KA-2735SURKMGCT
AlGaInP
630
water clear
70
200
120°
AlGaInP
570
50
90
KAA-3528SURKSYKCT
AlGaInP
630
water clear
110
350
120°
3.5mm x 2.8mm
AlGaInP
590
70
250
KAA-3528SURKCGKCT
AlGaInP
630
water clear
110
350
120°
AlGaInP
570
36
100
KAA-3528SURKZGQBDCT
AlGaInP
630
water clear
110
350
120°
InGaN
525
380
600
InGaN
470
36
80
Units : mm(inch)
Tolerance : ±0.25(0.01)
KA-2735
Units : mm(inch)
Tolerance : ±0.25(0.01)
KAA-3528
MULTI-COLOR SMD LED
Units : mm(inch)
Tolerance : ±0.25(0.01)
KAAF-5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com