Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 19 Page - Kingbright Corporation

Part # KA-2214ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-2214ZGS Datasheet(HTML) 19 Page - Kingbright Corporation

Back Button KA-2214ZGS Datasheet HTML 11Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 12Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 13Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 14Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 15Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 16Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 17Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 18Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 19Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
26
THROUGH-HOLE LED
27
SMD LED
PART NUMBER
DIMENSION
KPS-5130PD7C
KPS-5130PD7C 5.12mm x 3mm x 1.1mm
(RGB COLOR SENSOR)
AMBIENT LIGHT SENSOR
COLOR SENSOR
PART NUMBER
DIMENSION
KPS-3227SP1C
KPS-3227SP1C 3.2mm x 2.7mm x 1.1mm
(AMBIENT LIGHT SENSOR)
ELECTRICAL AND RADIANT CHARACTERISTICS
(TA =25°C,UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Collector Emitter Breakdown Voltage
BVceo
60
-
-
V
Iceo=100mA
Emitter Collector Breakdown Voltage
BVeco
4
-
-
V
Ieco=100mA
Collector Dark Current
I D
-
10
100
nA
VCE=5V EV=0Lx
Angle Of half Sensitivity
2q1/2
-
120
-
°
-
Light Current(1)
IPH1
-
6
-
m
A
VCE=5V,Ev=100 Lx[1]
Light Current(2)
IPH2
130
-
m
A VCE=5V,Ev=1000 Lx[1]
Light Current(3)
IPH3
-
950
-
m
A VCE=5V,Ev=1000 Lx[2]
Light Current(4)
IPH4
-
420
-
m
A VCE=5V,Ev=1000 Lx[3]
Saturation Output Voltage
Vo
4.5
4.7
-
V
VCC=5V,EV=1000Lx[1],
RL=75KW
Peak Wavelength
l
P
-
580
-
nm
-
Response Wavelength
l
390
-
700
nm
>10% Response
Collector Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=10 mA
ELECTRICAL AND RADIANT CHARACTERISTICS
(TA =25°C,UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
CONDITION
MIN. TYP. MAX. UNIT
Peak Sensitivity Wavelength
l
P
Red
-
620
-
nm
Green
-
550
-
Blue
-
470
-
Light Current (1)
I L1
100Lux [1]
VR =5V
Red
-
0.039
-
m
A
Green
-
0.042
-
Blue
-
0.022
-
Light Current (2)
I L2
1000Lux [1]
VR =5V
Red
-
0.427
-
V
Green
-
0.498
-
Blue
-
0.262
-
Diameter of the irradiation
sensitive area
D
-
2.0
-
mm
Irradiation sensitive area per
element
A
-
0.85
-
mm2
Photo sensibility of
the single color areas
SMax
l R
=620 nm
l G
=550 nm
l B
=470 nm
-
0.33
0.25
0.18
-
A/W
Reverse Dark Current
I D
VR =5V
-
-
-
10
nA
Units : mm(inch)
Tolerance : ±0.1(0.004)
Units : mm(inch)
Tolerance : ±0.1(0.004)
KPS-3227SP1C
KPS-5130PD7C
Notes:
1.White Fluorescent light (Color Temperature = 6200K) is used as light source.
2.Illuminance by CIE standard illuminant-A/2856K,incandescet lamp.
3.Sunlight (Color Temperature = 4600K) is used as light source.
Note:
1.White fluorescent light (Color Temperature = 6500K) is used as light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com