Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KA-2214ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-2214ZGS Datasheet(HTML) 2 Page - Kingbright Corporation

  KA-2214ZGS Datasheet HTML 1Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 2Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 3Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 4Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 5Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 6Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 7Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 8Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SMD LED
9
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KA-2214SURSK
AlGaInP
630
water clear
180
400
120°
2.2mm x 1.4mm
KA-2214SESK
AlGaInP
601
water clear
280
450
120°
KA-2214MGS
AlGaInP
570
water clear
50
150
120°
KA-2214CGSK
AlGaInP
570
water clear
50
100
120°
KA-2214ZGS
InGaN
525
water clear
280
550
120°
KA-2214QBS-G
InGaN
465
water clear
110
300
120°
KA-3021SURCKT
AlGaInP
630
water clear
70
200
125°
3.0mm x 2.0mm (1208)
KA-3021SECKT
AlGaInP
601
water clear
180
400
125°
KA-3021SYCKT
AlGaInP
590
water clear
110
200
125°
KA-3021MGCT
AlGaInP
570
water clear
50
100
125°
KA-3021CGCKT
AlGaInP
570
water clear
50
85
125°
KA-3021ZGCT
InGaN
525
water clear
380
500
125°
KA-3021ZGCT-E
InGaN
525
water clear
900
1500
125°
KA-3021ZGCT-G
InGaN
525
water clear
1200
1600
125°
KA-3021QBCT-D
InGaN
470
water clear
50
150
125°
KA-3021QBCT-F
InGaN
465
water clear
110
250
125°
KA-3021QBCT-G
InGaN
465
water clear
180
350
125°
KA-3022ECT-4.5SF
GaAsP/GaP
625
water clear
7
30
90°
3.0mm x 2.2mm
KA-3022SRCT-4.5SF
GaAlAs
640
water clear
36
150
90°
KA-3022YCT-4.5SF
GaAsP/GaP
588
water clear
4
15
90°
KA-3022SGCT-4.5SF
GaP
568
water clear
7
20
90°
KA-3022ZGCT-4.5SF
InGaN
525
water clear
280
500
90°
KA-3022ZGCT-E-4.5SF
InGaN
525
water clear
380
800
90°
KA-3022ZGCT-G-4.5SF
InGaN
525
water clear
480
900
90°
KA-3022QBCT-D-4.5SF
InGaN
470
water clear
50
150
90°
KA-3022QBCT-F-4.5SF
InGaN
465
water clear
70
180
90°
KA-3022QBCT-G-4.5SF
InGaN
465
water clear
110
250
90°
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : ±0.2(0.008)
KA-2214
KA-3021
TOP-EMITTING PLCC SMD LED
KA-3022-4.5SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com