Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KA-2214ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-2214ZGS Datasheet(HTML) 1 Page - Kingbright Corporation

  KA-2214ZGS Datasheet HTML 1Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 2Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 3Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 4Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 5Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 6Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 7Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 8Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
003
BSI
GISTER
UKAS
QUALITY
MANAGEMENT
003
BSI
GISTER
UKAS
QUALITY
MANAGEMENT
BSI
GISTER
003
UKAS
ENVIRONMENTAL
MANAGEMENT
5711101002
High Brightness PLCC LEDs
2
High Brightness Ceramic LEDs
5
High Brightness LEDs
8
SMD LED
9
Top-Emitting PLCC SMD LED
9
Top-Emitting Chip SMD LED
10
Right Angle SMD LED
16
Multi-Color SMD LED
19
Subminiature SMD LED
23
Reverse Mount SMD LED
25
SOT-23 SMD LED
25
Ambient Light Sensor
26
Color Sensor
26
Through-Hole LED
27
Subminiature LED
27
Round LED
27
Oval LED
31
Flat Top LED
32
Rectangular LED
32
Cylindrical LED
35
Multi-Color LED
35
Low Current LED
39
Blinking LED
40
Resistor LED
40
Super Flux LED
41
Side View
42
Tape and Reel Selections
43
SMD Display
44
7-Segment SMD Display
44
Alphanumeric SMD Display
46
Through-Hole Display
47
Single Digit 7-Segment Through-Hole Display
47
Dual Digit 7-Segment Through-Hole Display
53
Three Digit 7-Segment Through-Hole Display
55
Four Digit 7-Segment Through-Hole Display
57
Alphanumeric Through-Hole Display
60
Dot Matrix
63
LED LIGHT BAR
73
Bar Graph Array
73
Light Bar
74
Circuit Board Indicator
77
Single-Level CBI
77
Bi-Level CBI
80
Tri-Level CBI
83
Quad-Level CBI
84
With Spacer
84
SMD CBI
85
LED Clips and Mounts
86
Infrared & Phototransistor
88
Infrared Emitting Diode
88
Phototransistor
90


Similar Part No. - KA-2214ZGS

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KA-2214ZGS TO-GRACE-KA-2214ZGS Datasheet
880Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
More results

Similar Description - KA-2214ZGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
SAW COMPONENTS
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
Sharp Corporation
GP2Y3A001K0F SHARP-GP2Y3A001K0F Datasheet
237Kb / 9P
Optoelectronic Device
GP2Y3A002K0F SHARP-GP2Y3A002K0F Datasheet
258Kb / 9P
Optoelectronic Device
GP2Y3A003K0F SHARP-GP2Y3A003K0F Datasheet
277Kb / 10P
Optoelectronic Device
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
Optically-Coupled Isolator Optoelectronic Products
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
SAW Components
logo
SparkFun Electronics
BOK-11131 SPARKFUN-BOK-11131 Datasheet
108Kb / 2P
Timer, OpAmp & Optoelectronic Circuits & Projects
6??1??7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com