Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 10 Page - Kingbright Corporation

Part # KA-2214ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-2214ZGS Datasheet(HTML) 10 Page - Kingbright Corporation

Back Button KA-2214ZGS Datasheet HTML 6Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 7Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 8Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 9Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 10Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 11Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 12Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 13Page - Kingbright Corporation KA-2214ZGS Datasheet HTML 14Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SMD LED
16
SMD LED
17
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPJA-2107SURCK
AlGaInP
630
water clear
110
250
120°
2.1mm x 0.7mm x 1.3mm (0802 Right Angle)
KPJA-2107SECK
AlGaInP
601
water clear
110
300
120°
KPJA-2107SYCK
AlGaInP
590
water clear
50
150
120°
KPJA-2107MGC
AlGaInP
570
water clear
36
80
120°
KPJA-2107CGCK
AlGaInP
570
water clear
18
60
120°
KPJA-2107ZGC
InGaN
525
water clear
110
350
120°
KPJA-2107ZGC-E
InGaN
525
water clear
280
600
120°
KPJA-2107ZGC-G
InGaN
525
water clear
380
650
120°
KPJA-2107QBC-D
InGaN
470
water clear
36
90
120°
KPJA-2107QBC-F
InGaN
465
water clear
50
120
120°
KPJA-2107QBC-G
InGaN
465
water clear
70
150
120°
KPA-3010SURCK
AlGaInP
630
water clear
110
250
120°
3.0mm x 1.0mm x 2.0mm (1104 Right Angle)
KPA-3010SECK
AlGaInP
601
water clear
110
300
120°
KPA-3010SYCK
AlGaInP
590
water clear
50
150
120°
KPA-3010MGC
AlGaInP
570
water clear
36
80
120°
KPA-3010CGCK
AlGaInP
570
water clear
18
60
120°
KPA-3010ZGC
InGaN
525
water clear
110
350
120°
KPA-3010ZGC-E
InGaN
525
water clear
280
600
120°
KPA-3010ZGC-G
InGaN
525
water clear
380
650
120°
KPA-3010QBC-D
InGaN
470
water clear
36
90
120°
KPA-3010QBC-F
InGaN
465
water clear
50
120
120°
KPA-3010QBC-G
InGaN
465
water clear
70
150
120°
KPA-3210SURCK
AlGaInP
630
water clear
110
250
120°
3.2mm x 1.0mm x 1.5mm (1304 Right Angle)
KPA-3210SECK
AlGaInP
601
water clear
110
300
120°
KPA-3210SYCK
AlGaInP
590
water clear
50
150
120°
KPA-3210MGC
AlGaInP
570
water clear
36
80
120°
KPA-3210CGCK
AlGaInP
570
water clear
18
60
120°
KPA-3210ZGC
InGaN
525
water clear
110
350
120°
KPA-3210ZGC-E
InGaN
525
water clear
280
600
120°
KPA-3210ZGC-G
InGaN
525
water clear
380
650
120°
KPA-3210QBC-D
InGaN
470
water clear
36
90
120°
KPA-3210QBC-F
InGaN
465
water clear
50
120
120°
KPA-3210QBC-G
InGaN
465
water clear
70
150
120°
Units : mm(inch)
Tolerance : ±0.15(0.006)
Units : mm(inch)
Tolerance : ±0.1(0.004)
Units : mm(inch)
Tolerance : 0.15(0.006)
KPJA-2107
KPA-3010
KPA-3210
RIGHT ANGLE SMD LED
NOTE:
1.KP series custom-made is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com