Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33285 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33285
Description  Dual High-Side TMOS Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33285 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33285 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33285
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33285 Pin Connections
Table 1. 33285 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1
SRC
Source
OUT2 external FET Source connection
2
OUT1
Output 1
This pin is output number 1
3
DRN
Drain
OUT1 and OUT2 external FET Drain connection
4
OUT2
Output 2
This pin is output number 2
5
CP
Charge Pump
External capacitor connection for internal the Charge Pump
6
V
CC
Voltage Power Supply
Battery supply voltage
7
GND
Ground
This is the ground pin.
8
IN
Input
Voltage level sensitive input for OUT1 and OUT2
2
3
4
8
7
6
5
1
1
2
4
3
8
7
5
6
IN
GND
CP
V
CC
SRC
OUT1
DRN
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com