Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33285 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33285
Description  Dual High-Side TMOS Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33285 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33285 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33285
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INTRODUCTION
The 33285 contains only one charge pump for two
outputs.The outputs, OUT1 and OUT2, are switched ON and
OFF by the input (IN) .There are three ways to control the
outputs:
OUT1 can be switched alone
OUT1 and OUT2 can be switched together
OUT2 can be switched when OUT1 is already on
In the last case, the voltage drop on OUT1 when charging
OUT2 is limited.
The external capacitor (CCP) connected to the CHARGE
PUMP (CP) pin is used to store the charge continuously
delivered by the charge pump. The voltage on this pin is
limited to a maximum value VCPMAX. Both outputs are
sourced with a constant current from CCP to switch them ON.
Additionally, the gates of the power FETs are precharged
from voltage power supply (VCC) to prevent CCP from being
discharged by a voltage on OUT1 or OUT2, is still lower than
VVCC. The values of the output voltages are limited to
VOUT1MAX and VOUT2MAX.
The power FET on OUT1 is protected against an
exceeded gate-source voltage by an internal zener diode.
Channel One protects the N-Channel power FET on OUT1
undercurrent and short-circuit conditions. The drain-source
voltage of the FET on OUT1 is checked if Channel One is
switched ON. The internal error voltage threshold determines
the maximum drain-source voltage allowing the power FET to
stay in the ON state. If the measured drain-source voltage
exceeds the internal error voltage threshold, the output of the
short-circuit protection comparator (SCPC) is enabled. If the
output of the SCPC is active longer than tOCDET, output
OUT1 is switched OFF.
After switching OFF the power FET on OUT1 by an short-
circuit condition, the power FET can only be turned ON again
by the input IN.
When switching OFF the power FETs their gate capacities
are discharged by a constant current, IOUTOFF.
If the input IN is disconnected, the 33285 outputs, OUT1
and OUT2, are in the OFF state.
If overvoltage occurs on the DRAIN (DRN) pin for a time
period longer than tLDDET, OUT2 is switched ON for the time
tOUT2ACT. In an overvoltage condition OUT1 is OFF if IN is
below VIH.
INTERNAL ZENER DIODE
An on-chip zener diode is placed between OUT1 and The
SOURCE (SRC). Design guarantees VZ > VTH1. Zener
clamping voltage between OUT1 and SRC is VTH1 < VZ <
20 V
PWM CAPABILITY
The CPIC2 is PWM capable on OUT2. The loss of charge
ON CCP when switching ON OUT2 is refreshed until the Start
on the next PWM cycle to a value sufficient to guarantee the
specified turn ON behavior.
The PWM capability is measured with a test circuit and
load conditions:
• PWM cycle is period T = 20 ms ; OUT2 is switched ON
from 10 to 90 percent of T
• Test condition VIN ramps 2.5 V ≤ 5.0 V according to PWM
cycle defined above
CROSS TALK BETWEEN OUT1 AND OUT2
If output OUT2 is switched ON while OUT1 is already ON,
the voltage drop occurring on OUT1 is limited.
Voltage drop on OUT1:
•10 V < VVCC < 20 V : OUT1 not below VVCC + 7.0 V
• 7.0 V < VVCC < 20 V : OUT1 not below VVCC + 7.0 V
Each time OUT1 is switched ON, a current ILCDET is
sourced out of the SRC pin for the time tLCDET to check if
there is an external leakage current on that node in the
application. The high-side switch on OUT1 is turned ON only
if the test is successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com