Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33285 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33285
Description  Dual High-Side TMOS Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33285 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33285 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: MC33285
Rev. 5.0, 2/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Dual High-Side TMOS Driver
A single input controls the 33285 in driving two external high-side N-
Channel TMOS power FETs controlling incandescent or inductive
loads. Pulse Width Modulated (PWM) input control to 1.0 kHz is
possible. The 33285 contains a common internal charge pump used to
enhance the Gate voltage of both FETs.
An external charge capacitor provides access to the charge pump
output. Both external FETs are protected against inductive load
transients by separate internal source-to-gate dynamic clamps. The
power FETs are protected by the 33285 with short-circuit delay time of
800 µs. The device is designed to withstand reverse polarity battery
and load dump transients, encountered in automotive applications.
Features
• PWM Capability
• Power TMOS Number One (OUT1) Short-Circuit Detection and
Short-Circuit Protection
• Voltage Range 7.0 V
≤ 40 V
• Extended Temperature Range from -40
°C ≤ 125°C
• Load Dump Protected
• Overvoltage Detection and Activation of OUT2 During
Overvoltage
• Single Input Control for Both Output Stages
• Capacitor Value of 100 nF Connected to Pin CP
• Analog Input Control Measurement Detection
• OUT1 LOAD Leakage Measurement Detection
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 33285 Simplified Application Diagram
HIGH-SIDE TMOS DRIVER
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8-PIN SOICN
33285
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33285D/R2
-40°C to 125°C
8 SOICN
MCZ33285EF/R2
SRC
OUT1
OUT2
DRN
GND
33285
IN
CP
VCC
VPWR
Motor
VCC
Input Control


Similar Part No. - 33285

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
3328505 WINCHESTER-3328505 Datasheet
378Kb / 6P
Between Series Adapters
logo
Aptiv
33285118 APTIV-33285118 Datasheet
1Mb / 2P
CTCS XP SERIES
33285119 APTIV-33285119 Datasheet
1Mb / 2P
CTCS XP SERIES
33285120 APTIV-33285120 Datasheet
1Mb / 2P
CTCS XP SERIES
33285164 APTIV-33285164 Datasheet
1Mb / 2P
CTCS XP SERIES
More results

Similar Description - 33285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
Automotive High Side TMOS Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
HIGH?밪IDE TMOS DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com