Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33285 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33285
Description  Dual High-Side TMOS Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33285 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33285 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33285
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions TA from -40°C ≤ 125°C, VCC from 7 V ≤ 20 V, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OVER VOLTAGE AND OVER CURRENT
Load Dump Detection Time
t
LDDET
250
400
550
µs
Over Current Detection Time
tOCDET
520
800
1080
µs
OUT1 PIN 2, AND OUT2 PIN 4
Turn ON Time, OUT1: 8.0 nF, 10 µA; OUT2:16 nF, 10 µA
-7.0 V < VCC < 10 V, VOUT > VCC + 7.0
-10 V < VCC < 20 V, VOUT > VCC + 11
tON
—
—
—
—
1.5
1.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com