Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33285 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33285
Description  Dual High-Side TMOS Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33285 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33285 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33285 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33285
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA from -40°C ≤ 125°C, VCC from 7 V ≤ 20 V, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OVERVOLTAGE AND OVER CURRENT
Load Dump Activation Time
tOUT2ACT
300
460
620
ms
Error Voltage Threshold
VDRN - VSRC
1.12
—
1.44
V
SRC PIN 1
Leakage Current
ILCDET
15
30
50
mA
Leakage Current Detection Time
tLCDET
130
200
270
µA
DRN PIN 3
Operating Current (7.0 V < VDRN < 20 V)
IDRN
—
—
1.5
mA
Leakage Current (0 V < VDRN < 20 V, VVCC < 4.0 V)
ILEAK-DRN
-5.0
—
5.0
µA
OUT1, PIN 2, AND OUT2 PIN 4
Output ON Voltage. Charge Pump ON
VON
—
—
VCC + 15
V
Turn OFF Current, VOUT > 0.5 V
IOUTOFF
66
110
154
µA
VCC PIN 6
Supply Voltage Range
VCC
7.0
—
40
V
Quiescent Supply Current at VCC = 20 V
ICC
—
—
10
mA
IN PIN 8
Input Low Voltage OUT1
VIL
—
—
0.7
V
Input High Voltage OUT1
VIH
1.7
—
—
V
Input Hysteresis OUT1 and OUT2
VHYS
0.4
—
—
V
Input Pull Down Current, 0.7 V < VIN < 6.0 V
IIN
7.5
15
16.5
µA
Open Input Voltage
VIOP
—
—
0.7
V
Input Low Voltage OUT2
VIL2
—
—
3.0
V
Input High Voltage OUT2
VIH2
3.9
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com