Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33887 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33887
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33887 Pin Connections
Table 1. 33887 HSOP PIN DEFINITIONS
A functional description of each pin can be found in the Functional Pin DescriptionS section, page 21.
Pin
Pin Name
Formal Name
Definition
1
AGND
Analog Ground
Low-current analog signal ground.
2
FS
Fault Status for H-Bridge
Open drain active LOW Fault Status output requiring a pull-up resistor to
5.0 V.
3
IN1
Logic Input Control 1
Logic input control of OUT1 (i.e., IN1 logic HIGH = OUT1 HIGH).
4, 5, 16
V+
Positive Power Supply
Positive supply connections
6, 7
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
8
FB
Feedback for H-Bridge
Current sensing feedback output providing ground referenced 1/375th
(0.00266) of H-Bridge high-side current.
9–12
PGND
Power Ground
High-current power ground.
13
D2
Disable 2
Active LOW input used to simultaneously tri-state disable both H-Bridge
outputs. When D2 is Logic LOW, both outputs are tri-stated.
14, 15
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
17
CCP
Charge Pump Capacitor
External reservoir capacitor connection for internal charge pump capacitor.
18
D1
Disable 1
Active HIGH input used to simultaneously tri-state disable both H-Bridge
outputs. When D1 is Logic HIGH, both outputs are tri-stated.
19
IN2
Logic Input Control 2
Logic input control of OUT2 (i.e., IN2 logic HIGH = OUT2 HIGH).
20
EN
Enable
Logic input Enable control of device (i.e., EN logic HIGH = full operation, EN
logic LOW = Sleep Mode).
Tab/Pad
Thermal
Interface
Exposed Pad Thermal
Interface
Exposed pad thermal interface for sinking heat from the device.
Note Must be DC-coupled to analog ground and power ground via very low
impedance path to prevent injection of spurious signals into IC substrate.
EN
AGND
IN2
D1
CCP
V+
OUT2
OUT2
D2
PGND
PGND
FS
V+
OUT1
OUT1
FB
PGND
PGND
IN1
V+
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17
Tab
Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com