Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33887
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40
°C ≤ T
A ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range (16)
V+
5.0
–
28
V
Sleep State Supply Current (17)
IOUT = 0 A, VEN = 0 V
IQ(SLEEP)
–
25
50
µA
Standby Supply Current
IOUT = 0 A, VEN = 5.0 V
IQ(STANDBY)
–
–
20
mA
Threshold Supply Voltage
Switch-OFF
Switch-ON
Hysteresis
V+(THRES-OFF)
V+(THRES-ON)
V+(HYS)
4.15
4.5
150
4.4
4.75
–
4.65
5.0
–
V
V
mV
CHARGE PUMP
Charge Pump Voltage
V+ = 5.0 V
8.0 V
≤ V+ ≤ 28 V
VCP - V+
3.35
–
–
–
–
20
V
CONTROL INPUTS
Input Voltage (IN1, IN2, D1, D2)
Threshold HIGH
Threshold LOW
Hysteresis
VIH
VIL
VHYS
3.5
–
0.7
–
–
1.0
–
1.4
–
V
Input Current (IN1, IN2, D1)
VIN - 0.0 V
IINP
-200
-80
–
µA
Input Current (D2, EN)
V D2 = 5.0 V
IINP
–
25
100
µA
Notes
16
Specifications are characterized over the range of 5.0 V
≤ V+ ≤ 28 V. See See Electrical Performance Curves on page 18 and 19 and
the See Functional Description on page 21 for information about operation outside of this range.
17
IQ(sleep) is with sleep mode function enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com