Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33887
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RESISTANCE (AND PACKAGE DISSIPATION) RATINGS (9)
, (10), (11), (12)
Junction-to-Board (Bottom Exposed Pad Soldered to Board)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJB
~7.0
~8.0
~9.0
°C/W
Junction-to-Ambient, Natural Convection, Single-Layer Board (1s) (13)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJA
~41
~50
~62
°C/W
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p)
(14)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJMA
~18
~21
~23
°C/W
Junction-to-Case (Exposed Pad) (15)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJC
~0.8
~1.2
~2.0
°C/W
Notes
9
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking.
10
Exposed heatsink pad plus the power and ground pins comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace thickness. Maximum current at maximum die
temperature represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJC-total must be
less than 5.0 °C/W for maximum load at 70°C ambient. Module thermal design must be planned accordingly.
11
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
12
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
13
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
14
Per JEDEC JESD51-6 with the board horizontal.
15
Indicates the maximum thermal resistance between the die and the exposed pad surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
MAXIMUM RATINGS (continued)
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com