Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33887
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 10. Operating States
Figure 11. Example Short Circuit Detection Detail on Low-Side MOSFET
Active
Current
Limiting
>8A
6.5
Short Circuit Detection Threshold
Typical Current Limit Threshold
Hard Short Detection and Latch-OFF
0
IN1 or IN2
IN2 or IN1
IN1 or IN2
IN2 or IN1
IN1 IN2
[1]
[0]
[1]
[0]
[1]
[0]
[1]
[0]
Outputs
Tri-Stated
Outputs
Tri-Stated
Outputs Operation
(per Input Control Condition)
Time
High Current Load Being Regulated via Constant-OFF-Time PWM
Moderate Current Load
on Low-Side
MOSFET
Overcurrent Minimum Threshold
ta
tb
8.0
TIME
Typical PWM Load
Current Limiting
Waveform
Hard Output
Short Latch-OFF
ta = Tristate Output OFF Time
tb = Current Limit Blank Time
6.5
Hard Short Detection
Short Circuit Detect Threshold
ta = Output Constant-OFF Time
tb = Output Blanking Time
ISCL Short Circuit Detection Threshold
Typical Current
Limiting Waveform
tb
5.0
ta
8.0
Hard short occurs.
Hard short is detected during tb
ILIM Blanking Time
ton
0.0
and output is latched-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com