Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33887 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33887
Rev. 12.0, 2/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
5.0 A H-Bridge with Load
Current Feedback
The 33887 is a monolithic H-Bridge Power IC with a load current
feedback feature making it ideal for closed-loop DC motor control.
The IC incorporates internal control logic, charge pump, gate drive,
and low RDS(ON) MOSFET output circuitry. The 33887 is able to
control inductive loads with continuous DC load currents up to 5.0 A,
and with peak current active limiting between 5.2 A and 7.8 A. Output
loads can be pulse width modulated (PWM-ed) at frequencies up to
10 kHz. The load current feedback feature provides a proportional (1/
375th of the load current) constant-current output suitable for
monitoring by a microcontroller’s A/D input. This feature facilitates
the design of closed-loop torque/speed control as well as open load
detection.
A Fault Status output pin reports undervoltage, short circuit, and
overtemperature conditions. Two independent inputs provide polarity
control of two half-bridge totem-pole outputs. Two disable inputs
force the H-Bridge outputs to tri-state (exhibit high impedance).
The 33887 is parametrically specified over a temperature range of
-40
°C ≤ T
A ≤ 125°C and a voltage range of 5.0 V ≤ V+ ≤ 28 V.
Operation with voltages up to 40 V with derating of the specifications.
Features
• Fully specified operation 5.0 V to 28 V
• Limited operation with reduced performance up to 40 V
•120 m
Ω R
DS(ON) Typical H-Bridge MOSFETs
• TTL/CMOS Compatible Inputs
• PWM Frequencies up to 10 kHz
• Active Current Limiting (Regulation)
• Fault Status Reporting
• Sleep Mode with Current Draw
≤50 µA (Inputs Floating or Set
to Match Default Logic States)
• Pb-Free Packaging Designated by Suffix Codes VW and EK
Figure 1. 33887 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33887DH/R2
-40
°C to 125°C
20 HSOP
MC33887VW/R2
MC33887PNB/R2
36 PQFN
MC33887DWB/R2
54 SOICW-EP
MCZ33887EK/R2
DH SUFFIX
VW SUFFIX (Pb-FREE)
98ASH70273A
20-PIN HSOP
Bottom View
DWB SUFFIX
EK SUFFIX (Pb-FREE)
98ASA10506D
54-PIN SOICW-EP
PNB SUFFIX
98ASA10583D
36-PIN PQFN
33887
H-BRIDGE
33887
CCP
IN1
IN2
D1
EN
FS
MCU
PGND
D2
MOTOR
OUT1
OUT2
AGND
V+
FB
6.0 V
V+
FB
IN
OUT
OUT
OUT
OUT
OUT
A/D


Similar Part No. - 33887

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33887 MOTOROLA-33887 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - 33887

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33886 FREESCALE-33886 Datasheet
570Kb / 25P
5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
5.0 A H-Bridge
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
Dual 5.0 A H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com