Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 18Page - Texas Instruments TMP112BIDRLR Datasheet HTML 19Page - Texas Instruments TMP112BIDRLR Datasheet HTML 20Page - Texas Instruments TMP112BIDRLR Datasheet HTML 21Page - Texas Instruments TMP112BIDRLR Datasheet HTML 22Page - Texas Instruments TMP112BIDRLR Datasheet HTML 23Page - Texas Instruments TMP112BIDRLR Datasheet HTML 24Page - Texas Instruments TMP112BIDRLR Datasheet HTML 25Page - Texas Instruments TMP112BIDRLR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
7.4 Device Functional Modes
7.4.1 Continuous-Conversion Mode
The default mode of the TMP112 family is continuous conversion mode. During continuous-conversion mode,
the ADC performs continuous temperature conversions and stores each results to the temperature register,
overwriting the result from the previous conversion. The conversion rate bits, CR1 and CR0, configure the
TMP112 family for conversion rates of 0.25 Hz, 1 Hz, 4 Hz, or 8 Hz. The default rate is 4 Hz. The TMP112 family
has a typical conversion time of 26 ms for SOT563-6 package and 10 ms for X2SON-5 package. To achieve
different conversion rates, the TMP112 family makes a conversion and then powers down and waits for the
appropriate delay set by CR1 and CR0. Table 7-5 lists the settings for CR1 and CR0.
Table 7-5. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25 Hz
0
1
1 Hz
1
0
4 Hz (default)
1
1
8 Hz
After a power-up or general-call reset, the TMP112 family immediately begins a conversion as shown in Figure
7-7. The first result is available after 26 or 10 ms (typical). The active quiescent current during conversion is 40
μA (typical at 27°C) for SOT563-6 package and 55 μA (typical at 27°C) for X2SON-5 package. The quiescent
current during delay is 2.2 μA (typical at 27°C) for SOT563-6 package and 2.6 μA (typical at 27°C) for X2SON-5
package.
Startup
Startof
Conversion
Delay
(1)
26ms
26ms
Figure 7-7. Conversion Start (SOT563-6 Package)
7.4.2 Extended Mode (EM)
The extended mode bit configures the device for normal mode operation (EM = 0) or extended mode operation
(EM = 1). In normal mode, the temperature register and the high and low limit registers use a 12-bit data format.
Normal mode is used to make the TMP112 family compatible with the TMP75 device.
Extended mode (EM = 1) allows measurement of temperatures above 128°C by configuring the temperature
register and the high and low limit registers for 13-bit data format.
7.4.3 One-Shot/Conversion Ready Mode (OS)
The TMP112 family features a one-shot temperature-measurement mode. When the device is in shutdown
mode, writing a 1 to the OS bit begins a single temperature conversion. During the conversion, the OS bit reads
0. The device returns to the SHUTDOWN state at the completion of the single conversion. After the conversion,
the OS bit reads 1. This feature is useful for reducing power consumption in the TMP112 family when continuous
temperature monitoring is not required.
As a result of the short conversion time, the TMP112 family can achieve a higher conversion rate. A single
conversion typically occurs for 26 ms for SOT563-6 package and 10 ms for X2SON-5 package, and a read can
occur in less than 20 μs. When using one-shot mode, 30 or more conversions per second are possible.
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com