Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 2Page - Texas Instruments TMP112BIDRLR Datasheet HTML 3Page - Texas Instruments TMP112BIDRLR Datasheet HTML 4Page - Texas Instruments TMP112BIDRLR Datasheet HTML 5Page - Texas Instruments TMP112BIDRLR Datasheet HTML 6Page - Texas Instruments TMP112BIDRLR Datasheet HTML 7Page - Texas Instruments TMP112BIDRLR Datasheet HTML 8Page - Texas Instruments TMP112BIDRLR Datasheet HTML 9Page - Texas Instruments TMP112BIDRLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6.5 Electrical Characteristics
At TA = 25°C and VS = 1.4 to 3.6V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
Temperature range
–40
125
°C
Accuracy (temperature
error)
TMP112A
25°C, V+ = 3.3V
± 0.1
± 0.5
°C
0°C to +65°C, V+ = 3.3 V
± 0.25
± 0.5
–40°C to +125°C
± 0.5
± 1
TMP112B
25°C, V+ = 1.8V
± 0.1
± 0.5
0°C to +65°C, V+ = 1.8V
± 0.25
± 0.5
–40°C to +125°C
± 0.5
± 1
TMP112Dx
25°C
TBD
± 0.5
-25°C to +85°C, V+ ≥ 1.5V
TBD
± 0.5
–40°C to +125°C
TBD
± 1
TMP112N
–40°C to +125°C
± 1
DC power-supply sensitivity
–40°C to +125°C
0.0625
± 0.25
°C/V
Long-term drift(1)
3000 hours at 125°C
±0.0625
°C
Resolution (LSB)
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
Input logic level
0.7×(V+)
3.6
V
VIL
–0.5
0.3×(V+)
IIN
Input current
TMP112A/B/N
0 < VIN < 3.6V
1
µA
TMP112Dx
0.1
µA
VOL SDA
Output low level
V+ > 2 V, IOL = 3 mA
0
0.4
V
V+ < 2 V, IOL = 3 mA
0
0.2×(V+)
VOL
ALERT
V+ > 2 V, IOL = 3 mA
0
0.4
V+ < 2 V, IOL = 3 mA
0
0.2×(V+)
Resolution
12
Bits
Conversion time
TMP112A/B/N
26
35
ms
TMP112Dx
10.25
11.25
ms
Conversion modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1
1
CR1 = 1, CR0 = 0 (default)
4
CR1 = 1, CR0 = 1
8
Timeout time (SCL = GND or SDA = GND)
30
40
ms
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com