Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 3Page - Texas Instruments TMP112BIDRLR Datasheet HTML 4Page - Texas Instruments TMP112BIDRLR Datasheet HTML 5Page - Texas Instruments TMP112BIDRLR Datasheet HTML 6Page - Texas Instruments TMP112BIDRLR Datasheet HTML 7Page - Texas Instruments TMP112BIDRLR Datasheet HTML 8Page - Texas Instruments TMP112BIDRLR Datasheet HTML 9Page - Texas Instruments TMP112BIDRLR Datasheet HTML 10Page - Texas Instruments TMP112BIDRLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
At TA = 25°C and VS = 1.4 to 3.6V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Average quiescent current
TMP112A/B/N
Serial bus inactive, CR1 =
0, CR0 = 1
3.2
µA
Serial bus inactive, CR1 =
1, CR0 = 0 (default)
7
10
Serial bus active, SCL
frequency = 400 kHz
15
Serial bus active, SCL
frequency = 3.4 MHz
85
TMP112Dx
Serial bus inactive, CR1 =
0, CR0 = 1
3.2
Serial bus inactive, CR1 =
1, CR0 = 0 (default)
4.8
Serial bus active, SCL
frequency = 400 kHz
TBD
Serial bus active, SCL
frequency = 1 MHz
TBD
ISD
Shutdown current
TMP112A/B/N
Serial bus inactive
0.5
1
µA
Serial bus active, SCL
frequency = 400 kHz
10
Serial bus active, SCL
frequency = 3.4 MHz
80
TMP112Dx
Serial bus inactive
0.15
Serial bus active, SCL
frequency = 400 kHz
5.5
Serial bus active, SCL
frequency = 1 MHz
13
(1)
Long-term drift is determined using accelerated operational life testing at a junction temperature of 150°C for 1000 hours.
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com