Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 39Page - Texas Instruments TMP112BIDRLR Datasheet HTML 40Page - Texas Instruments TMP112BIDRLR Datasheet HTML 41Page - Texas Instruments TMP112BIDRLR Datasheet HTML 42Page - Texas Instruments TMP112BIDRLR Datasheet HTML 43Page - Texas Instruments TMP112BIDRLR Datasheet HTML 44Page - Texas Instruments TMP112BIDRLR Datasheet HTML 45Page - Texas Instruments TMP112BIDRLR Datasheet HTML 46Page - Texas Instruments TMP112BIDRLR Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
AROUND
0.05 MIN
AROUND
6X (0.67)
6X (0.3)
(1.48)
4X (0.5)
(R0.05) TYP
4223266/C 12/2021
SOT - 0.6 mm max height
DRL0006A
PLASTIC SMALL OUTLINE
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
7. Land pattern design aligns to IPC-610, Bottom Termination Component (BTC) solder joint inspection criteria.
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
SYMM
1
3
4
6
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDERMASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com