Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 25Page - Texas Instruments TMP112BIDRLR Datasheet HTML 26Page - Texas Instruments TMP112BIDRLR Datasheet HTML 27Page - Texas Instruments TMP112BIDRLR Datasheet HTML 28Page - Texas Instruments TMP112BIDRLR Datasheet HTML 29Page - Texas Instruments TMP112BIDRLR Datasheet HTML 30Page - Texas Instruments TMP112BIDRLR Datasheet HTML 31Page - Texas Instruments TMP112BIDRLR Datasheet HTML 32Page - Texas Instruments TMP112BIDRLR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
I
2C
Controller
TMP112D0
TMP112D1
TMP112D2
TMP112D3
SCL
SDA
SCL
SDA
V+
GND
1.2 k
1.2 k
0.1 µF
1.4 V to 3.6 V
5.0 k
ALERT
ALERT
TMP112D
SCL
SDA
V+
GND
ADD0
ALERT
variant
ADDRESS
variant
Figure 8-2. Typical Connections (X2SON-5 Package)
8.2.1 Design Requirements
The TMP112 family requires pullup resistors on the SCL, SDA, and ALERT pins. The recommended value for
the pullup resistors is 1.2 kΩ and 5 kΩ. In some applications the pullup resistor can be lower or higher than 5
kΩ but must not exceed 3 mA of current on any of those pins. A 0.01-μF (for SOT563-6 package) or 0.1-μF (for
X2SON-5 package) bypass capacitor on the supply is recommended as shown in Figure 8-1 and Figure 8-2. The
SCL and SDA lines can be pulled up to a supply that is equal to or higher than V+ through the pullup resistors.
To configure one of four different addresses on the bus, connect the ADD0 pin to either the GND, V+, SDA, or
SCL pin. The TMP112Dx also provides four different address options when only ALERT pin is used.
8.2.2 Detailed Design Procedure
Place the device in close proximity to the heat source that must be monitored, with a proper layout for good
thermal coupling. This placement verifies that temperature changes are captured within the shortest possible
time interval. To maintain accuracy in applications that require air or surface temperature measurement, take
care to isolate the package and leads from ambient air temperature. A thermally-conductive adhesive is helpful
in achieving accurate surface temperature measurement.
The TMP112 family is a very low-power device and generates very low noise on the supply bus. Applying an
RC filter to the V+ pin of the TMP112 family can further reduce any noise that the device can propagate to other
components. R(F) in Figure 8-3 must be less than 5 kΩ and C(F) must be greater than 10 nF.
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com