Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2613T-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2613T-R
Description  2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2613T-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2613T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET
SE2613T: 2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202406C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 6, 2022
3
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings (one rating applied at a time) for
extended periods may cause permanent damage to, or affect the reliability of the device. Avoid operating the device
outside the recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
PA supply voltage on VCC1, VCC2
-0.3
6.0
V
VDD
LNA and switch supply voltage
-0.3
3.6
V
VIN
DC input on control pins
-0.3
3.6
V
PTXIN
TX input power, ANT terminated in 50Ω match
5
dBm
TA
Operating temperature range
-40
85
°C
TSTG
Storage temperature range
-40
150
°C
ESD HBM
JEDEC JESD22-A114
All pins
1000
V
ESD HANDLING: Industry-standard ESD handling precautions must be adhered to at all times to avoid damage to this device.
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient temperature
-40
25
85
°C
VCC
PA supply voltage, relative to GND = 0 V
2.7
3.6
4.8
V
VDD
LNA supply voltage, relative to GND = 0 V
2.7
3.3
3.6
V
DC Electrical Characteristics
Conditions: VCC = 3.6V, PEN = VDD= 3.3 V, TA = 25 °C, as measured on Skyworks Solutions SE2613T-EK1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total supply current
POUT = 17.5 dBm, 54 Mbps
OFDM signal, 64 QAM
140
mA
ICC-B
Total supply current
POUT = 20 dBm, 11 Mbps
CCK signal, BT = 0.45
160
mA
ICQ
Quiescent current
No RF
110
mA
ICC_OFF
Total supply current
PEN = 0 V, No RF applied,
CBT = PEN = CRX = 0 V
10
μA
IDD_OFF
Total supply current
PEN = 0 V, No RF applied,
CBT = PEN = CRX = 0 V
18
30
μA
Icc_LNA
LNA supply current
LEN = 3.3 V
10
13
mA
Icc_LNA_
BYP
LNA bypass supply
current
LEN = 0
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com