Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2613T-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2613T-R
Description  2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2613T-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2613T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202406C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 6, 2022
1
VCC2
VCC1
TX
ANT
PEN
BT
VDD
RX
DATA SHEET
SE2613T: 2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Ordering Information
Part No.
Package
Remark
SE2613T
16 pin QFN
Samples
SE2613T-R
16 pin QFN
Tape and reel
SE2613T-EK1
N/A
Evaluation kit
Functional Block Diagram
Product Description
The SE2613T is a complete 802.11 b/g/n WLAN RF
front-end module with a port suitable for Bluetooth®
signals. The device provides all the functionality of
the power amplifier, power detector, harmonic
filtering, switch, low noise amplifier (LNA), and
associated matching. The SE2613T provides a
complete 2.4 GHz WLAN RF solution from the output
of the transceiver to the antenna, and from the
antenna to the input of the transceiver, in an ultra-
compact form factor.
The SE2613T is designed for ease of use, with all the
critical matching and harmonic filtering integrated,
while also offering a simple 50Ω interface to the
antenna.
The SE2613T includes an LNA to increase the receive
sensitivity of embedded solutions to improve range or
to overcome the insertion loss of cellular filters often
included for mobile applications.
The SE2613T also includes a transmitter power
detector with 20 dB of dynamic range and a digital
enable control for transmitter power ramp on/off
control.
Figure 1: Functional Block Diagram
Features
Dual mode IEEE802.11b & IEEE802.11g
Integrated PA, harmonic filter, LNA, with a port
suitable for Bluetooth® signals
Integrated positive slope power detector
17.5 dBm @ 4.0 % EVM, 802.11g, 54 Mbps
Direct connection to battery with 3.6 V nominal
supply
Lead free, halogen free and RoHS compliant


Similar Part No. - SE2613T-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SE2611T-EK1 SKYWORKS-SE2611T-EK1 Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SE2614BT SKYWORKS-SE2614BT Datasheet
276Kb / 11P
2.4 GHz High Efficiency Wireless LAN Front-End
June 14, 2023
SE2614BT-EK1 SKYWORKS-SE2614BT-EK1 Datasheet
276Kb / 11P
2.4 GHz High Efficiency Wireless LAN Front-End
June 14, 2023
SE2614BT-R SKYWORKS-SE2614BT-R Datasheet
276Kb / 11P
2.4 GHz High Efficiency Wireless LAN Front-End
June 14, 2023
More results

Similar Description - SE2613T-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com