Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2613T-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2613T-R
Description  2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2613T-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2613T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET
SE2613T: 2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202406C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 6, 2022
2
Pin Out Diagram
Pin Out Description
Figure 2: SE2613T Pin out (Top View through Package)
Pin No.
Name
Description
1
Vcc2
PA positive power supply
2
DET
Power detector output
3
Vcc1
PA positive power supply
4
TX
Transmit port
5
NC
Not connected
6
PEN
PA enable control input
7
GND
Ground
8
RX
Receive port
9
VDD
LNA and switch positive power supply
10
LEN
LNA enable control input
11
CRX
Receive antenna switch control
12
BT
Port suitable for Bluetooth® signals
13
CBT
Bluetooth® signal function antenna switch control
14
GND
Ground
15
ANT
Antenna port
16
NC
Not connected
Die paddle
GND
Ground
16
15
14
13
VCC2
BT
DET
CRX
VCC1
LEN
TX
VDD
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com