Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2613T-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2613T-R
Description  2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2613T-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2613T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET
SE2613T: 2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202406C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 6, 2022
10
Tape and Reel Information
Parameter
Value
Devices per reel
3000
Reel diameter
13 inches
Tape width
12 millimeters
Figure 6: SE2613T-R Tape and Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com