Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2613T-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2613T-R
Description  2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2613T-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2613T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2613T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATA SHEET
SE2613T: 2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202406C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 6, 2022
5
AC Electrical Characteristics
802.11g Transmit Characteristics
Conditions: VCC = 3.6V, PEN = VDD = 3.3 V, CBT = LEN = CRX = 0V, TA = 25 °C, as measured on Skyworks Solutions
SE2613T-EK1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless
otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency range
2412
2484
MHz
EVM
EVM
POUT = 17.5 dBm, 54 Mbps
OFDM signal, 64 QAM
4
%
EVMLP
Low power EVM
POUT = 0-15 dBm, 54 Mbps
OFDM
2.5
%
S21
Small signal gain
26
dB
ΔS21
Small signal gain
variation over band
1.5
dBpp
2f
Harmonics
POUT = 20 dBm, 1 Mbps,
802.11b
-25
dBm/MHz
3f
-25
dBm/MHz
tdr, tdf
Delay and rise/fall
time
50 % of VPEN edge and
90/10 % of final output
power level
400
nsec
S11
Input return loss
TX port
-12
-10
dB
STAB
Stability
CW, Pin = -5 dBm
0.1 GHz – 20 GHz
Load VSWR = 6:1
All non-harmonically related outputs less than
-43 dBm/MHz
RGGD
Ruggedness
CW, PIN = -5 dBm
0.1 GHz – 20 GHz
Load VSWR = 10:1
No permanent damage or performance
degradation
Bluetooth® Application Characteristics
Conditions: VCC = 3.6 V, CBT = VDD = 3.3V, CRX = LEN = PEN = 0V, TA = 25 °C, as measured on Skyworks Solutions
SE2613T-EK1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless
otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency range
2400
2500
MHz
BTIL
Insertion loss
0.5
0.8
dB
S11
Bluetooth® signal
function port return loss
-12
dB
ISOLSW
Switch isolation
24
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com