Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB42004X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PVB42004X
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PVB42004X Datasheet(HTML) 4 Page - NXP Semiconductors

  PVB42004X Datasheet HTML 1Page - NXP Semiconductors PVB42004X Datasheet HTML 2Page - NXP Semiconductors PVB42004X Datasheet HTML 3Page - NXP Semiconductors PVB42004X Datasheet HTML 4Page - NXP Semiconductors PVB42004X Datasheet HTML 5Page - NXP Semiconductors PVB42004X Datasheet HTML 6Page - NXP Semiconductors PVB42004X Datasheet HTML 7Page - NXP Semiconductors PVB42004X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Feb 19
4
Philips Semiconductors
Product specification
NPN microwave power transistor
PVB42004X
THERMAL CHARACTERISTICS
Note
1. See “
Mounting recommendations in the General part of handbook SC15”.
CHARACTERISTICS
Tmb =25 °C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj =75 °C
6.5
K/W
Rth mb-h
thermal resistance from mounting-base to heatsink
Tj =75 °C; note 1
0.7
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CES
collector-emitter breakdown
voltage
IC = 30 mA; RBE =0
40
−−
V
ICBO
collector cut-off current
VCB = 24 V; IE =0
−−
50
mA
IEBO
emitter cut-off current
VEB = 1.5 V; IC =0
−−
1.5
mA
Ccb
collector-base capacitance
VCB = 24 V; VEB = 1.5 V;
IE =IC = 0; f = 1 MHz
50
pF
Cce
collector-emitter capacitance
VCB = 24 V; VEB = 1.5 V;
IE =IC = 0; f = 1 MHz
1.2
pF
Ceb
emitter-base capacitance
VCB = 24 V; VEB =1V;
IE =IC = 0; f = 1 MHz
30
pF
Fig.3 Load power as a function of frequency.
VCC = 24 V; PS =1W.
handbook, halfpage
12
3
5
16
12
4
0
f (GHz)
PL
(W)
8
4
MGD978
Fig.4
Power gain and efficiency as functions of
frequency.
VCC = 24 V; PS =1W.
handbook, halfpage
1
ηC
f (GHz)
23
5
16
12
4
0
ηC
(%)
Gp
(dB)
8
80
60
20
0
40
4
MGD979
Gp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com