Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB42004X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PVB42004X
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PVB42004X Datasheet(HTML) 2 Page - NXP Semiconductors

  PVB42004X Datasheet HTML 1Page - NXP Semiconductors PVB42004X Datasheet HTML 2Page - NXP Semiconductors PVB42004X Datasheet HTML 3Page - NXP Semiconductors PVB42004X Datasheet HTML 4Page - NXP Semiconductors PVB42004X Datasheet HTML 5Page - NXP Semiconductors PVB42004X Datasheet HTML 6Page - NXP Semiconductors PVB42004X Datasheet HTML 7Page - NXP Semiconductors PVB42004X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Feb 19
2
Philips Semiconductors
Product specification
NPN microwave power transistor
PVB42004X
FEATURES
• Interdigitated structure provides high emitter efficiency
• Diffused emitter ballasting resistors providing excellent
current sharing and withstanding a high VSWR
• Local thick oxide and gold sandwich metallization
realizes very stable characteristics and excellent lifetime
• Multicell geometry gives good balance of dissipated
power and low thermal resistance.
APPLICATIONS
• Intended for use in common base class-B power
amplifiers up to 4.2 GHz.
DESCRIPTION
NPN silicon planar epitaxial microwave power transistor in
a 2-lead rectangular flange package with a ceramic cap
(SOT445A) with the common base connected to the
flange.
PINNING - SOT445A
PIN
DESCRIPTION
1
collector
2
emitter
3
base connected to flange
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
2
MAM251
Top view
33
e
c
b
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common base class-B test circuit.
MODE OF
OPERATION
f
(GHz)
VCC
(V)
PL
(W)
Gp
(dB)
ηC
(%)
Zi
(
Ω)
ZL
(
Ω)
Class-B (CW)
1
24
typ. 13
typ. 11
typ. 60
2.3 + j2.8
7.8 + j11.6
2
24
typ. 10
typ. 10
typ. 48
1.4 + j9.5
3.9 + j2.6
3
24
typ. 7.5
typ. 8.8
typ. 30
4.2 + j21
2.3
− j2.5
4
24
typ. 4
typ. 6
typ. 25
38
− j32
1.9
− j8.5
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com