Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB42004X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PVB42004X
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PVB42004X Datasheet(HTML) 6 Page - NXP Semiconductors

  PVB42004X Datasheet HTML 1Page - NXP Semiconductors PVB42004X Datasheet HTML 2Page - NXP Semiconductors PVB42004X Datasheet HTML 3Page - NXP Semiconductors PVB42004X Datasheet HTML 4Page - NXP Semiconductors PVB42004X Datasheet HTML 5Page - NXP Semiconductors PVB42004X Datasheet HTML 6Page - NXP Semiconductors PVB42004X Datasheet HTML 7Page - NXP Semiconductors PVB42004X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Feb 19
6
Philips Semiconductors
Product specification
NPN microwave power transistor
PVB42004X
PACKAGE OUTLINE
Dimensions in mm.
Torque on screw: Max. 0.4 Nm.
Recommended screw: M2.5.
Fig.7 SOT445A.
handbook, full pagewidth
0.4 M
0.4 M
O 0.3 M
4.0 min
4.0 min
5.35
max
5.2
max
1
2
3.2
2.9
3.2
2.9
3.2
2.9
14.2
8.0
3
20.6 max
seating
plane
3.4
3.0
0.1
1.8 max
4.0
max
MSA090 - 1
7.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com